Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPSERIES Datasheet(PDF) 1 Page - AVX Corporation

Part # TCPSERIES
Description  TCP Series Low ESR Tantalum Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCPSERIES Datasheet(HTML) 1 Page - AVX Corporation

  TCPSERIES Datasheet HTML 1Page - AVX Corporation TCPSERIES Datasheet HTML 2Page - AVX Corporation TCPSERIES Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
22
TCP Series
TCP Series Low ESR Tantalum Modules
TCP Series tantalum modules rep-
resents the highest packing density
for high capacitance / voltage avail-
able in surface mount tantalum.
These modules feature stacked
assemblies of CWR29 capacitors
which provide ultra low ESR and
utilize established reliability capaci-
tors (Weibull Grade voltage condi-
tioning) in accordance with MIL-
PRF-55365. They can also be sup-
plied with SRC9000 Space Level
components.
The stacked construction of fully
molded capacitors is compatible with
a wide range of SMT board assembly
processes including wave or reflow
solder or conductive epoxy.
There are two termination finishes
available: hot solder dipped (“C”) and
gold plated (“B”).
The molding compound has been
selected to meet the requirements of
UL94V-0 and outgassing require-
ments of NASA SP-R-0022A.
Capacitance
Rated voltage DC (V
R) to 85ºC
μF
Code
6V
10V
15V
20V
25V
35V
50V
9.4
945
2H (200)
18.8
196
4H (100)
20
206
2H (200)
28.2
286
6H (67)
40
406
4H (100)
60
606
6H (67)
66
666
2H (85)
94
946
2H (75)
132
137
4H (43)
188
197
4H (38)
198
207
6H (28)
200
207
2H (63)
282
287
6H (25)
400
407
4H (31)
440
447
2H (50)
600
607
6H (21)
660
667
2H (50)
880
887
4H (25)
1,320
138
4H (25)
6H (17)
1,980
208
6H (17)
CAPACITANCE AND RATED VOLTAGE
CASE SIZE (ESR IN m )
Note: Additional form factors and ratings are available.
Contact plant for details.
W
L
H


Similar Part No. - TCPSERIES

ManufacturerPart #DatasheetDescription
logo
Weller Tools
TCPS WELLER-TCPS Datasheet
123Kb / 1P
PT CC7 Soldering Tip Round Sloped 370°C, Ø 3,2 mm for TCPS, TCP 12, TCP 24, TCP 42 and FE 50M Width A 3,2 mm
TCPS WELLER-TCPS Datasheet
95Kb / 1P
Soldering Tips and Nozzles
TCPS WELLER-TCPS Datasheet
68Kb / 1P
Temperature control switch
logo
TEWS Technologies GmbH
TCPS007-TM TEWS-TCPS007-TM Datasheet
120Kb / 2P
Rear I/O Module for Quad 10/100/1000 Ethernet CPCI-S.0 Modules
21.09.2021
TCPS007-TM-10R TEWS-TCPS007-TM-10R Datasheet
120Kb / 2P
Rear I/O Module for Quad 10/100/1000 Ethernet CPCI-S.0 Modules
21.09.2021
More results

Similar Description - TCPSERIES

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
Low ESR Tantalum Chip Capacitors
logo
AVX Corporation
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
Tantalum Ultra Low ESR Capacitor
TCP-SERIES AVX-TCP-SERIES Datasheet
166Kb / 3P
TCP Series Low ESR Tantalum Modules
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
Tantalum Ultra Low ESR Capacitor
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
Tantalum Ultra Low ESR Capacitor
logo
NIC-Components Corp.
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
Low ESR Tantalum Chip Capacitors
NTCL NIC-NTCL Datasheet
83Kb / 3P
Low ESR Tantalum Chip Capacitors
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
TANTALUM CHIP - LOW ESR
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
Tantalum Surface Mount Capacitors ??Low ESR
logo
AVX Corporation
TPM AVX-TPM Datasheet
358Kb / 5P
Tantalum Ultra Low ESR Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com