Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD847 Datasheet(PDF) 6 Page - Analog Devices

Part # AD847
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD847 Datasheet HTML 2Page - Analog Devices AD847 Datasheet HTML 3Page - Analog Devices AD847 Datasheet HTML 4Page - Analog Devices AD847 Datasheet HTML 5Page - Analog Devices AD847 Datasheet HTML 6Page - Analog Devices AD847 Datasheet HTML 7Page - Analog Devices AD847 Datasheet HTML 8Page - Analog Devices AD847 Datasheet HTML 9Page - Analog Devices AD847 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD847–Typical Characteristics (@ +25 C and V
S =
15 V, unless otherwise noted)
REV. F
–6–
35
15
140
20
–40
–60
25
30
120
100
80
60
40
20
0
–20
AMBIENT TEMPERATURE –
°C
Figure 8. Short-Circuit Current Limit vs. Temperature
100
–20
100M
40
0
1k
20
100
80
60
10M
1M
100k
10k
+100
°
+80
°
+60
°
+40
°
+20
°
0
FREQUENCY – Hz
±15V SUPPLIES
±5V SUPPLIES
1k
Ω LOAD
500
Ω LOAD
Figure 10. Open-Loop Gain and Phase Margin
vs. Frequency
100
0
100M
60
20
10k
40
1k
80
10M
1M
100k
+SUPPLY
–SUPPLY
FREQUENCY – Hz
Figure 12. Power Supply Rejection vs. Frequency
7
3
140
4
–40
–60
5
6
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
V =
± 5V
S
Figure 7. Quiescent Current vs. Temperature
52
48
–60
140
51
49
–40
50
100
120
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 9. Gain Bandwidth Product vs. Temperature
80
50
10k
65
55
100
60
10
75
70
1k
V =
± 5V
S
V =
±15V
S
LOAD RESISTANCE –
Ω
Figure 11. Open-Loop Gain vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com