Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD842SQ/883B Datasheet(PDF) 9 Page - Analog Devices

Part # AD842SQ/883B
Description  Wideband, High Output Current, Fast Settling Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD842SQ/883B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD842SQ/883B Datasheet HTML 2Page - Analog Devices AD842SQ/883B Datasheet HTML 3Page - Analog Devices AD842SQ/883B Datasheet HTML 4Page - Analog Devices AD842SQ/883B Datasheet HTML 5Page - Analog Devices AD842SQ/883B Datasheet HTML 6Page - Analog Devices AD842SQ/883B Datasheet HTML 7Page - Analog Devices AD842SQ/883B Datasheet HTML 8Page - Analog Devices AD842SQ/883B Datasheet HTML 9Page - Analog Devices AD842SQ/883B Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AD842
–9–
REV. E
OVERDRIVE RECOVERY
Figure 26 shows the overdrive recovery capability of the AD842.
Typical recovery time is 80 ns from negative overdrive and
400 ns from positive overdrive.
Figure 26. Overdrive Recovery
50
AD842
+VS
0.1 F
2.2 F
–VS
0.1 F
2.2 F
+
–
1k
OUTPUT
HP3314A
PULSE GENERATOR
OR EQUIVALENT
1 s,
1V SQUARE
WAVE INPUT
Figure 27. Overdrive Recovery Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com