Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD848 Datasheet(PDF) 4 Page - Analog Devices

Part # AD848
Description  High Speed, Low Power Monolithic Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD848 Datasheet(HTML) 4 Page - Analog Devices

  AD848 Datasheet HTML 1Page - Analog Devices AD848 Datasheet HTML 2Page - Analog Devices AD848 Datasheet HTML 3Page - Analog Devices AD848 Datasheet HTML 4Page - Analog Devices AD848 Datasheet HTML 5Page - Analog Devices AD848 Datasheet HTML 6Page - Analog Devices AD848 Datasheet HTML 7Page - Analog Devices AD848 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD848/AD849
REV. B
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 Watts
Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . 0.9 Watts
Cerdip (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 Watts
LCC (E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 Watts
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range (Q) . . . . . . . . –65
°C to +150°C
(N, R) . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause per-
manent damage to the device. This is a stress rating only, and functional opera-
tion of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2LCC:
θ
JA = 150
°C/Watt
Mini-DIP Package:
θ
JA = 110
°C/Watt
Cerdip Package:
θ
JA = 110
°C/Watt
Small Outline Package:
θ
JA = 155
°C/Watt.
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions. (AD848 and AD849 are identical
except for the part number in the upper right.)
Dimensions shown in inches and (mm).
ORDERING GUIDE
Gain
Min
Max
Bandwidth
Stable
Offset Voltage
Temperature
Package
Model
MHz
Gain
mV
Range – C
Option
1
AD848JN
175
5
1
0 to +70
N-8
AD848JR
2
175
5
1
0 to +70
R-8
AD848JCHIPS
175
5
1
0 to +70
Die Form
AD848AQ
175
5
1
–40 to +85
Q-8
AD848SQ
175
5
1
–55 to +125
Q-8
AD848SQ/883B
175
5
1
–55 to +125
Q-8
AD848SE/883B
175
5
1
–55 to +125
E-20A
AD849JN
725
25
1
0 to +70
N-8
AD849JR
2
725
25
1
0 to +70
R-8
AD849AQ
725
25
0.75
–40 to +85
Q-8
AD849SQ
725
25
0.75
–55 to +125
Q-8
AD849SQ/883B
725
25
0.75
–55 to +125
Q-8
AD847J/A/S
50
1
1
See AD847 Data Sheet
NOTES
1E = LCC; N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).
2Plastic SOIC (R) available in tape and reel. AD848 available in S grade chips. AD849 available in J and S grade
chips.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com