Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8529 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8529 Datasheet HTML 4Page - Analog Devices AD8529 Datasheet HTML 5Page - Analog Devices AD8529 Datasheet HTML 6Page - Analog Devices AD8529 Datasheet HTML 7Page - Analog Devices AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices AD8529 Datasheet HTML 10Page - Analog Devices AD8529 Datasheet HTML 11Page - Analog Devices AD8529 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. C
–8–
AD8519/AD8529
CAPACITANCE – pF
60
50
0
10
100
1k
30
20
10
40
VS = 5V
VCM = 2.5V
RL = 10k
TA = 25 C
VIN = 50mV
+OS
OS
TPC 10. Overshoot vs. Capacitance
Load
FREQUENCY – Hz
300
250
0
100k
1M
10M
150
100
50
200
VS = 5V
TA = 25 C
AVCC = 1
AVCC = 10
TPC 13. Output Impedance vs.
Frequency
20mV
1s
VS = 2.5V
AV = 100k
en = 0.4 V p-p
TPC 16. 0.1 Hz to 10 Hz Noise
SETTLING TIME –
s
4
1
4
0
2.0
1.0
3
1%
1
3
0
2
VS = 5V
TA = 25 C
0.1%
0.1%
1%
2
TPC 11. Step Size vs. Settling Time
FREQUENCY – Hz
10
100
1k
10k
0
VS = 5V
TA = 25 C
10
20
30
40
50
60
70
80
TPC 14. AD8519 Voltage Noise
Density
1V
20 s
VS = 2.5V
VIN = 6V p-p
AV = 1
TPC 17. No Phase Reversal
FREQUENCY – Hz
10k
100k
1M
10M
4
5
0
3
2
VS = 5V
AVCC = 1
RL = 10k
TA = 25 C
CL = 15pF
1
DISTORTION < 1%
TPC 12. Output Swing vs.
Frequency
FREQUENCY – Hz
10
100
1k
10k
0
VS = 5V
TA = 25 C
1
2
3
4
5
6
7
8
TPC 15. AD8519 Current Noise
Density
20mV
500ns
VS = 2.5V
AVCC = 1
TA = 25 C
CL = 100pF
RL = 10k
TPC 18. Small Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com