Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8541 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8541
Description  General Purpose CMOS Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8541 Datasheet HTML 5Page - Analog Devices AD8541 Datasheet HTML 6Page - Analog Devices AD8541 Datasheet HTML 7Page - Analog Devices AD8541 Datasheet HTML 8Page - Analog Devices AD8541 Datasheet HTML 9Page - Analog Devices AD8541 Datasheet HTML 10Page - Analog Devices AD8541 Datasheet HTML 11Page - Analog Devices AD8541 Datasheet HTML 12Page - Analog Devices AD8541 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8541/AD8542/AD8544
–9–
REV. D
FREQUENCY – kHz
05
25
10
15
20
VS = 5V
AV = 1
MARKER SET @ 10kHz
MARKER READING: 37.6 V/ Hz
TA = 25 C
TPC 30. Voltage Noise
FREQUENCY – Hz
1k
10k
100M
100k
1M
10M
1,000
900
0
800
700
600
500
400
300
200
100
VS = 2.7V AND 5V
AV = 1
TA = 25 C
TPC 29. Closed-Loop Output
Impedance vs. Frequency
NOTES ON THE AD854x AMPLIFIERS
The AD8541/AD8542/AD8544 amplifiers are improved perfor-
mance general-purpose operational amplifiers. Performance has
been improved over previous amplifiers in several ways.
Lower Supply Current for 1 MHz Gain Bandwidth
The AD854x series typically uses 45
mA of current per amplifier.
This is much less than the 200
mA to 700 mA used in earlier
generation parts with similar performance. This makes the
AD854x series a good choice for upgrading portable designs for
longer battery life. Alternatively, additional functions and per-
formance can be added at the same current drain.
Higher Output Current
At 5 V single supply, the short-circuit current is typically 60
mA.
Even 1 V from the supply rail, the AD854x amplifiers can provide
30 mA, sourcing or sinking.
Sourcing and sinking are strong at lower voltages, with 15 mA
available at 2.7 V and 18 mA at 3.0 V. For even higher output
currents, please see the Analog Devices AD8531/AD8532/AD8534
parts, with output currents to 250 mA. Information on these
parts is available from your Analog Devices representative,
and data sheets are available at the Analog Devices website at
www.analog.com.
Better Performance at Lower Voltages
The AD854x family of parts has been designed to provide better
ac performance, at 3.0 V and 2.7 V, than previously available
parts. Typical gain-bandwidth product is close to 1 MHz at 2.7 V.
Voltage gain at 2.7 V and 3.0 V is typically 500,000. Phase margin
is typically over 60
∞C, making the part easy to use.
APPLICATIONS
Notch Filter
The AD8542 has very high open-loop gain (especially with a
supply voltage below 4 V), which makes it useful for active filters
of all types. For example, Figure 1 illustrates the AD8542 in the
classic Twin-T Notch Filter design. The Twin-T Notch is desired
for simplicity, low output impedance, and minimal use of op
amps. In fact, this notch filter may be designed with only one op
amp if Q adjustment is not required. Simply remove U2 as illus-
trated in Figure 2. However, a major drawback to this circuit
topology is ensuring that all the Rs and Cs closely match. The
components must closely match or notch frequency offset and
drift will cause the circuit to no longer attenuate at the ideal
notch frequency. To achieve desired performance, 1% or
better component tolerances or special component screens
are usually required. One method to desensitize the circuit-
to-component mismatch is to increase R2 with respect to
R1, which lowers Q. A lower Q increases attenuation over a
wider frequency range but reduces attenuation at the peak
notch frequency.
1/2 AD8542
[
]
4
1
R1
R1+R2
1
2
pRC
C
26.7nF
R1
97.5k
C2
53.6 F
R/2
50k
R2
2.5k
R
100k
R
100k
5
6
7
8
3
2
VOUT
4
1
1/2 AD8542
5.0V
2.5VREF
C
26.7nF
2.5VREF
f0 =
1
f0 =
U2
U1
Figure 1. 60 Hz Twin-T Notch Filter, Q = 10
C
2C
R/2
R
R
7
3
2
VOUT
4
6
AD8541
5.0V
2.5VREF
C
VIN
Figure 2. 60 Hz Twin-T Notch Filter, Q =
• (Ideal)
Figure 3 shows another example of the AD8542 in a notch
filter circuit. The FNDR notch filter has fewer critical
matching requirements than the Twin-T Notch and for the
FNDR Q is directly proportional to a single resistor R1.
While matching component values is still important, it is also
TEMPERATURE – C
55
20
55
35
145
15
525 45
65
85 105 125
50
45
40
35
30
25
VS = 5V
VS = 2.7V
TPC 28. Supply Current per
Amplifier vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com