Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSN-4 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PDSN-4
Description  9V BATTERY SNAP WITH PVC COVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDSN-4 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PDSN-4 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
9V BATTERY SNAP
WITH PVC COVER
PDSN-4
GQ
06/10/02
TD
07/23/02
PB
07/23/02
7.0 REF
MALE SNAP (-)
FEMALE SNAP (+)
MATERIAL AND FINISH:
Fiber board: Fiber, UL-94V-HB rated
Cover: PVC, black
Wire leads: PVC, 26 AWG
Snaps: Brass, Nickel plated
INSULATOR
BLK WIRE (-)
RED WIRE (+)
2X 3
STRIP
AND
TIN
12.9±0.5
26.5
19
150±5


Similar Part No. - PDSN-4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-41-1A POWERDYNAMICS-PDSN-41-1A Datasheet
45Kb / 1P
1 CELL TYPE AAA BATTERY HOLDER
PDSN-41-1C POWERDYNAMICS-PDSN-41-1C Datasheet
45Kb / 1P
1 CELL TYPE AAA BATTERY HOLDER
PDSN-41-1D POWERDYNAMICS-PDSN-41-1D Datasheet
45Kb / 1P
1 CELL TYPE AAA BATTERY HOLDER
PDSN-44-2A POWERDYNAMICS-PDSN-44-2A Datasheet
48Kb / 1P
4 CELL TYPE AAA BATTERY HOLDER SIDE BY SIDE
PDSN-44-2C POWERDYNAMICS-PDSN-44-2C Datasheet
48Kb / 1P
4 CELL TYPE AAA BATTERY HOLDER SIDE BY SIDE
More results

Similar Description - PDSN-4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-1 POWERDYNAMICS-PDSN-1 Datasheet
42Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-2 POWERDYNAMICS-PDSN-2 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-3 POWERDYNAMICS-PDSN-3 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-3-1 POWERDYNAMICS-PDSN-3-1 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PE HARD SHELL
PDSN-6 POWERDYNAMICS-PDSN-6 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER FOR PP9 TYPE BATTERY
PDSN-8 POWERDYNAMICS-PDSN-8 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER
PDSN-9 POWERDYNAMICS-PDSN-9 Datasheet
40Kb / 1P
9V BATTERY SNAP SET WITH PVC COVER
logo
List of Unclassifed Man...
12BH9VCS-GR ETC2-12BH9VCS-GR Datasheet
85Kb / 2P
9V Battery Holder with Leads, Cover, and Switch
12BH610-GR ETC2-12BH610-GR Datasheet
169Kb / 1P
9V Battery Holder
12BH614A-GR ETC2-12BH614A-GR Datasheet
203Kb / 1P
9V Battery Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com