Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM44DM0888LBA Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM44DM0888LBA
Description  JEDEC Standard VDD/VDDQ
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44DM0888LBA Datasheet(HTML) 2 Page - Eorex Corporation

  EM44DM0888LBA Datasheet HTML 1Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 2Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 3Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 4Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 5Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 6Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 7Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 8Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
EM44DM0888LBA
Feb. 2012
2/29
www.eorex.com
1Gb (16M×8Bank×8) Double DATA RATE 2 SDRAM
Features
• JEDEC Standard VDD/VDDQ = 1.8V
±0.1V.
• All inputs and outputs are compatible with SSTL_18
interface.
• Fully differential clock inputs (CK, /CK) operation.
• Eight Banks
• Posted CAS
• Bust length: 4 and 8.
• Programmable CAS Latency (CL): 6 & 7
• Programmable Additive Latency (AL):
0, 1, 2, 3, 4,
5 & 6.
• Write Latency (WL) =Read Latency (RL) -1.
• Read Data Strobe (RDQS) supported
• Bi-directional Differential Data Strobe (DQS).
• Data inputs on DQS centers when write.
• Data outputs on DQS, /DQS edges when read.
• On chip DLL align DQ, DQS and /DQS transition
with CK transition.
• DM mask write data-in at the both rising and falling
edges of the data strobe.
• Sequential & Interleaved Burst type available.
• Off-Chip Driver (OCD) Impedance Adjustment
• On Die Termination (ODT)
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms
• 7.8us at average periodic refresh interval
• RoHS Compliance
• tRAS lockout supported
• High Temperature Self-Refresh rate enable
Description
The EM44DM0888LBA is a high speed Double Date
Rate 2 (DDR2) Synchronous DRAM fabricated with
ultra high performance CMOS process containing
1,073,741,824 bits which organized as 16Mbits x 8
banks by 8 bits. This synchronous device achieves
high speed double-data-rate transfer rates of up to
1066 MT/sec (DDR2-1066) for general applications.
The chip is designed to comply with the following key
DDR2 SDRAM features: (1) posted CAS with
additive latency, (2) write latency = read latency -1,
(3) Off-Chip Driver (OCD) impedance adjustment and
On Die Termination (4) normal and weak strength
data output driver. All of the control and address
inputs are synchronized with a pair of externally
supplied differential clocks. Inputs are latched at the
cross point of differential clocks (CK rising and /CK
falling). All I/Os are synchronized with a pair of
bidirectional strobes (DQS and /DQS) in a source
synchronous fashion. The address bus is used to
convey row, column and bank address information in
a /RAS and /CAS multiplexing style. The 1Gb DDR2
devices operates with a single power supply: 1.8V ±
0.1V VDD and VDDQ. Available package:
FBGA-60Ball (with 0.8mm x 0.8mm ball pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com