Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8554 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8554
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8554 Datasheet HTML 11Page - Analog Devices AD8554 Datasheet HTML 12Page - Analog Devices AD8554 Datasheet HTML 13Page - Analog Devices AD8554 Datasheet HTML 14Page - Analog Devices AD8554 Datasheet HTML 15Page - Analog Devices AD8554 Datasheet HTML 16Page - Analog Devices AD8554 Datasheet HTML 17Page - Analog Devices AD8554 Datasheet HTML 18Page - Analog Devices AD8554 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8551/AD8552/AD8554
–15–
REV. 0
10 s
100mV
WITH
SNUBBER
WITHOUT
SNUBBER
VSY = +5V
CLOAD = 4.7nF
Figure 55. Overshoot and Ringing are Substantially
Reduced Using a Snubber Network
The optimum value for the resistor and capacitor is a function of
the load capacitance and is best determined empirically since
actual CLOAD will include stray capacitances and may differ sub-
stantially from the nominal capacitive load. Table I shows some
snubber network values that can be used as starting points.
Table I. Snubber Network Values for Driving Capacitive Loads
CLOAD
RX
CX
1 nF
200
Ω
1 nF
4.7 nF
60
Ω
0.47
µF
10 nF
20
Ω
10
µF
Power-Up Behavior
On power-up, the AD855x will settle to a valid output within 5
µs.
Figure 56a shows an oscilloscope photo of the output of the ampli-
fier along with the power supply voltage, and Figure 56b shows
the test circuit. With the amplifier configured for unity gain, the
device takes approximately 5
µs to settle to its final output voltage.
This turn-on response time is much faster than most other auto-
correction amplifiers, which can take hundreds of microseconds or
longer for their output to settle.
5 s
1V
VOUT
V+
0V
0V
BOTTOM TRACE = 2V/DIV
TOP TRACE = 1V/DIV
Figure 56a. AD855x Output Behavior on Power-Up
VSY = 0V TO +5V
100k
AD855x
100k
VOUT
Figure 56b. AD855x Test Circuit for Turn-On Time
APPLICATIONS
A +5 V Precision Strain-Gage Circuit
The extremely low offset voltage of the AD8552 makes it an
ideal amplifier for any application requiring accuracy with high
gains, such as a weigh scale or strain-gage. Figure 57 shows a
configuration for a single supply, precision strain-gage measure-
ment system.
A REF192 provides a +2.5 V precision reference voltage for A2.
The A2 amplifier boosts this voltage to provide a +4.0 V reference
for the top of the strain-gage resistor bridge. Q1 provides the cur-
rent drive for the 350
Ω bridge network. A1 is used to amplify the
output of the bridge with the full-scale output voltage equal to:
2
12
×+
()
RR
R
B
(17)
Where RB is the resistance of the load cell. Using the values given
in Figure 57, the output voltage will linearly vary from 0 V with
no strain to +4.0 V under full strain.
VOUT
350
LOAD
CELL
AD8552-A
R1
17.4k
R2
100
0V TO +4.0V
NOTE: USE 0.1% TOLERANCE RESISTORS.
20k
A1
A2
AD8552-B
REF192
12.0k
1k
+5V
+2.5V
6
4
3
2
+4.0V
40mV
FULL-SCALE
Q1
2N2222
OR
EQUIVALENT
R3
17.4k
R4
100
Figure 57. A +5 V Precision Strain-Gage Amplifier
+3 V Instrumentation Amplifier
The high common-mode rejection, high open-loop gain, and
operation down to +3 V of supply voltage makes the AD855x
an excellent choice of op amp for discrete single supply instru-
mentation amplifiers. The common-mode rejection ratio of
the AD855x is greater than 120 dB, but the CMRR of the sys-
tem is also a function of the external resistor tolerances. The
gain of the difference amplifier shown in Figure 58 is given as:
VV
R
RR
R
R
V
R
R
OUT =
+


+


−


11
2
4
34
1
2
2
1
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com