Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8566 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8566
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8566 Datasheet(HTML) 1 Page - Analog Devices

  AD8566 Datasheet HTML 1Page - Analog Devices AD8566 Datasheet HTML 2Page - Analog Devices AD8566 Datasheet HTML 3Page - Analog Devices AD8566 Datasheet HTML 4Page - Analog Devices AD8566 Datasheet HTML 5Page - Analog Devices AD8566 Datasheet HTML 6Page - Analog Devices AD8566 Datasheet HTML 7Page - Analog Devices AD8566 Datasheet HTML 8Page - Analog Devices AD8566 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8565/AD8566/AD8567
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
16 V Rail-to-Rail
Operational Amplifiers
PIN CONFIGURATIONS
FEATURES
Single-Supply Operation: 4.5 V to 16 V
Input Capability Beyond the Rails
Rail-to-Rail Output Swing
Continuous Output Current: 35 mA
Peak Output Current: 250 mA
Offset Voltage: 10 mV
Slew Rate: 6 V/ s
Unity Gain Stable with Large Capacitive Loads
Supply Current: 700
A per Amplifier
APPLICATIONS
LCD Reference Drivers
Portable Electronics
Communications Equipment
GENERAL DESCRIPTION
The AD8565, AD8566, and AD8567 are low-cost single supply
rail-to-rail input and output operational amplifiers optimized for
LCD monitor applications. They are built on an advanced high-
voltage CBCMOS process. The AD8565 contains a single
amplifier, the AD8566 has two amplifiers, and the AD8567 has
four amplifiers.
These LCD op amps have high slew rates, 35 mA continuous
output drive, 250 mA peak output drive, and high capacitive load
drive capability. They have wide supply range and offset voltages
below 10 mV. The AD8565, AD8566, and AD8567 are ideal for
LCD grayscale reference buffer and VCOM applications.
The AD8565, AD8566, and AD8567 are specified over the –40
°C
to +85
°C temperature range. The AD8565 single is available in a
5-lead SC70 package. The AD8566 dual is available in an 8-lead
MSOP package. The AD8567 quad is available in a 14-lead
TSSOP package and a 16-lead lead frame Chip Scale Package.
5-Lead SC70
(KS Suffix)
1
2
3
5
4 –IN
+IN
V–
OUT
AD8565
V+
14-Lead TSSOP
(RU Suffix)
OUT B
+IN B
–IN B
V+
–IN A
+IN A
OUT A
78
510
69
4
11
213
3
12
1
14
OUT C
+IN C
–IN C
V–
–IN D
+IN D
OUT D
AD8567
16-Lead CSP
(CP Suffix)
TOP VIEW
16
5
13
8
9
12
1
4
14
15
2
3
7
6
11
10
–IN D
+IN D
V–
+IN C
–IN A
+IN A
V+
+IN B
AD8567
NC = NO CONNECT
8-Lead MSOP
(RM Suffix)
45
2
7
36
1
8
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
AD8566


Similar Part No. - AD8566

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8566 AD-AD8566 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8566 AD-AD8566 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
AD8566ARM-R2 AD-AD8566ARM-R2 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8566ARM-REEL AD-AD8566ARM-REEL Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8566ARMZ-R2 AD-AD8566ARMZ-R2 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
More results

Similar Description - AD8566

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Analog Devices
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com