Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8567 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8567
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567 Datasheet(HTML) 5 Page - Analog Devices

  AD8567 Datasheet HTML 1Page - Analog Devices AD8567 Datasheet HTML 2Page - Analog Devices AD8567 Datasheet HTML 3Page - Analog Devices AD8567 Datasheet HTML 4Page - Analog Devices AD8567 Datasheet HTML 5Page - Analog Devices AD8567 Datasheet HTML 6Page - Analog Devices AD8567 Datasheet HTML 7Page - Analog Devices AD8567 Datasheet HTML 8Page - Analog Devices AD8567 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8565/AD8566/AD8567
–5–
REV. A
LOAD CAPACITANCE – pF
100
90
0
10
1k
100
80
70
60
50
40
30
20
10
VS = 16V
VIN = 100mV p-p
RL = 10k
AV = +1
TA = 25 C
–OS
+OS
TPC 7. Small Signal Overshoot vs. Load Capacitance
FREQUENCY – Hz
0
100
10
1k
10k
100k
1M
10M
2
4
6
8
10
12
14
16
18
VS = 16V
AV = +1
RL = 10k
DISTORTION < 1%
TA = 25 C
TPC 8. Closed-Loop Output Swing vs. Frequency
FREQUENCY – Hz
100
10
1k
10k
100k
1M
10M
10
20
30
40
50
4.5V
VS 16V
RL = 10k
CL = 40pF
TA = 25 C
60
0
AVCL = –100
AVCL = –10
AVCL = +1
TPC 9. Closed-Loop Gain vs. Frequency
1k
100M
10k
100k
1M
10M
100
80
60
40
20
FREQUENCY – Hz
45
90
135
180
0
225
270
VS = 16V
RL = 10k
CL = 40pF
TA = 25 C
0
TPC 10. Open-Loop Gain and Phase Shift vs. Frequency
LOAD CURRENT – mA
10
0.1
0.001
100
0.01
0.1
1
10
1
100
VS = 4.5V
1k
TA = 25 C
VS = 16V
TPC 11. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE – C
150
40
25
85
ISINK = 5mA
VS = 16V
VS = 4.5V
135
120
105
90
75
60
45
30
15
0
TPC 12. Output Voltage Swing to Rail vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com