Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8610 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8610
Description  Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 1 Page - Analog Devices

  AD8610 Datasheet HTML 1Page - Analog Devices AD8610 Datasheet HTML 2Page - Analog Devices AD8610 Datasheet HTML 3Page - Analog Devices AD8610 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY TECHNICAL DATA
REV. Pr0 9/27/01
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Dev ices.
One Technology Way, PO Box 9106, Norwood, MA 02062 - 9106,
USA
Tel: 617/329-4700
World Wide Web Site:http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
—1—
a
Precision Very Low Noise
Low Input Bias Current
Wide Bandwidth JFET
Operational Amplifiers
P
Prre
elliim
miin
na
arry
y Technical Data
AD8610
FEATURES
Low noise: 6nV/
√√Hz
Low Offset Voltage: 100
µ
µ V max.
Low input Bias current 10pA max.
Fast settling: 600ns to 0.01%
Low Distortion
Unity Gain Stable
No Phase Reversal
Dual supply operation: ±5V to ±13V
APPLICATIONS
Photodiode Amplifier
ATE
Instrumentation
Sensors and Controls
Precision filters
High Fidelity Audio
GENERAL DESCRIPTION
The AD8610 is a precision JFET input amplifier
featuring very low offset voltage and drift, very low
input voltage and current noise, very low input bias
current and wide bandwidth. Outputs are stable with
capacitive loads of over 500pF in non-inverting unity
gain. Output swings to within 1.2V of the supplies even
with a 1kohm load, maximizing dynamic range with
limited supply voltages.
Applications for these amplifiers include electronic
instruments, ATE front-end amplification and integrator
circuits, CAT/MRI/Ultrasound medical
instrumentation, photodiode amplification, fast
precision filters and professional quality audio.
The AD8610 is specified over the extended industrial
(-40° to +125°C) temperature range. The AD8610
is available in the 8-lead SOIC and the tiny MSOP8
surface mount packages. MSOP8 packaged devices
are available only in Tape-and-Reel.


Similar Part No. - AD8610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
AD8610 AD-AD8610 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD8610 AD-AD8610 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610 AD-AD8610 Datasheet
1Mb / 30P
Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
Oct-2017
AD8610 AD-AD8610 Datasheet
371Kb / 24P
Precision, Very Low Noise
Rev. F
More results

Similar Description - AD8610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8620 AD-AD8620 Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com