Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8612 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8612
Description  Ultrafast 4 ns Single Supply Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8612 Datasheet(HTML) 3 Page - Analog Devices

  AD8612 Datasheet HTML 1Page - Analog Devices AD8612 Datasheet HTML 2Page - Analog Devices AD8612 Datasheet HTML 3Page - Analog Devices AD8612 Datasheet HTML 4Page - Analog Devices AD8612 Datasheet HTML 5Page - Analog Devices AD8612 Datasheet HTML 6Page - Analog Devices AD8612 Datasheet HTML 7Page - Analog Devices AD8612 Datasheet HTML 8Page - Analog Devices AD8612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
AD8611/AD8612
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8611/AD8612 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
17
mV
Input Bias Current
IB
VCM = 0 V
–6
–4.0
µA
IB
–40
°C ≤ T
A
≤ +85°C
–7
–4.5
µA
Input Common-Mode Voltage Range
VCM
0
1.0
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ VCM ≤ 1.0 V
55
dB
OUTPUT CHARACTERISTICS
Output High Voltage
VOH
IOH = –3.2 mA, VIN > 250 mV
1.2
1
V
Output Low Voltage
VOL
IOL = +3.2 mA, VIN > 250 mV
0.3
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
2.7 V
≤ V+ ≤ 6 V
46
dB
Supply Currents
VO = 0 V, RL =
∞
V+ Supply Current
2
I+
4.5
6.5
mA
–40
°C ≤ TA ≤ +85°C10
mA
Ground Supply Current2
IGND
2.5
3.5
mA
–40
°C ≤ TA ≤ +85°C
5.5
mA
V– Supply Current
2
I–
2
3.5
mA
–40
°C ≤ T
A
≤ +85°C
4.8
mA
DYNAMIC PERFORMANCE
Propagation Delay
tP
100 mV Step with 20 mV Overdrive
3
4.5
6.5
ns
NOTES
1Output high voltage without pull-up resistor. It may be useful to have a pull-up resistor to V+ for 3 V operation.
2Per comparator.
3Guaranteed by design.
Specifications subject to change without notice.
(@ V+ = 3.0 V, V– = VGND = 0 V, TA = 25 C unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Branding
Model
Range
Description
Option
Information
AD8611ARM
–40
°C to +85°C
8-Lead Micro SOIC
RM-8
G1A
AD8611AR
–40
°C to +85°C
8-Lead Small Outline IC
SO-8
AD8612ARU
–40
°C to +85°C
14-Lead Thin Shrink Small Outline
RU-14
ABSOLUTE MAXIMUM RATINGS
Total Analog Supply Voltage . . . . . . . . . . . . . . . . . . . . . 7.0 V
Digital Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Input Voltage
1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±4 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±5 V
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
R, RU, RM Packages . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
R, RU, RM Packages . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . 300
°C
Package Type
JA
2
JC
Unit
8-Lead SO (R)
158
43
°C/W
8-Lead MSOP (RM)
240
43
°C/W
14-Lead TSSOP (RU)
240
43
°C/W
NOTES
1The analog input voltage is equal to
±4 V or the analog supply voltage, whichever
is less.
2
θ
JA is specified for the worst-case conditions, i.e.,
θ
JA is specified for device in socket
for P-DIP and
θ
JA is specified for device soldered in circuit board for SOIC and
TSSOP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com