Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8801 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8801
Description  Octal 8-Bit TrimDAC with Power Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8801 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8801 Datasheet HTML 3Page - Analog Devices AD8801 Datasheet HTML 4Page - Analog Devices AD8801 Datasheet HTML 5Page - Analog Devices AD8801 Datasheet HTML 6Page - Analog Devices AD8801 Datasheet HTML 7Page - Analog Devices AD8801 Datasheet HTML 8Page - Analog Devices AD8801 Datasheet HTML 9Page - Analog Devices AD8801 Datasheet HTML 10Page - Analog Devices AD8801 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8801/AD8803
REV. A
–7–
100
0.0001
2.5
0.01
0.001
0.5
0
0.1
1.0
10
2
1.5
1
LOGIC INPUT VOLTAGE – Volts
5
3
4.5
4
3.5
TA = +25°C
ALL DIGITAL INPUTS
TIED TOGETHER
VDD = +5V
VDD = +3V
Figure 13. Supply Current vs. Logic Input Voltage
80
60
100
100k
10k
1k
10
40
20
FREQUENCY – Hz
0
VDD = +5V ±0.5VP
VREFH = +2V
CODE = 80H
TA = +25°C
Figure 14. Power Supply Rejection vs. Frequency
10
0%
100
90
0%
VDD = +5V
VREF = +2V
TIME – 1µs/DIV
2V
0V
5V
0V
OUT1
CS
Figure 15. Large-Signal Settling Time
10
0%
100
90
OUTPUT1: OOH → FFH
TIME – 0.2µs/DIV
VDD = +5V
VREF = +2V
f = 500kHz
Figure 16. Adjacent Channel Clock Feedthrough
10
0%
100
90
OUTPUT1: 7FH → 80H
VDD = +5V
VREF = +2V
TIME – 0.2µs/DIV
OUT1
10mV/DIV
CS
5V/DIV
Figure 17. Midscale Transition
HOURS OF OPERATION AT 150
°C
0.01
–0.01
0
600
150
300
450
0
–0.005
0.005
VDD = +4.5V
VREF = +4.5V
SS = 162 PCS
VREFL = 0V
Figure 18. Zero-Scale Error Accelerated by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com