Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOC2802 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOC2802
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2802 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOC2802 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2802 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2802 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2802 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2802 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AOC2802
Common-Drain Dual N-Channel Enhancement Mode Field
Effect Transistor
General Description
Product Summary
Vss
20V
ID (at VGS=4.5V)
6A
RSS(ON) (at VGS=4.5V)
< 34m
Ω
RSS(ON) (at VGS=4.0V)
< 35m
Ω
RSS(ON) (at VGS=3.1V)
< 43m
Ω
RSS(ON) (at VGS=2.5V)
< 54m
Ω
The AOC2802 uses advanced trench technology to provide
excellent RSS(ON), low gate charge and operation with gate
voltages as low as 2.5V while retaining a 12V VGS(MAX) rating.
It is ESD protected. This device is suitable for use as a uni-
directional or bi-directional load switch, facilitated by its
common-drain configuration.
WLCSP 1.57x1.57_4
Symbol
VSS
VGS
TA=25°C
I S
ISM
PD
TJ, TSTG
Note 1. Mounted on minimum pad PCB
Note 2. PW <300 µs pulses, duty cycle 0.5% max
-55 to 150
60
Power Dissipation
Note1
TA=25°C
°C
Units
Parameter
6
Absolute Maximum Ratings TA=25°C unless otherwise noted
±12
20
Maximum
A
V
V
W
Source Current (Pulse)
Note2
Gate-Source Voltage
Source-Source Voltage
Source Current (DC)
Note1
Junction and Storage Temperature Range
1.3
Equivalent Circuit
G2
G1
S1
Top View
Bottom View
Pin1(S1)
S2
G1
G2
D1
S1
D2
S2
Rev 4: Nov 2012
www.aosmd.com
Page 1 of 5


Similar Part No. - AOC2802

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2800 AOSMD-AOC2800 Datasheet
250Kb / 5P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AOC2804 AOSMD-AOC2804 Datasheet
370Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AOC2804B AOSMD-AOC2804B Datasheet
353Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
AOC2806 AOSMD-AOC2806 Datasheet
364Kb / 5P
20V Common-Drain Dual N-Channel AlphaMOS
More results

Similar Description - AOC2802

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8832 AOSMD-AO8832 Datasheet
219Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com