Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9042 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9042
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042 Datasheet(HTML) 4 Page - Analog Devices

  AD9042 Datasheet HTML 1Page - Analog Devices AD9042 Datasheet HTML 2Page - Analog Devices AD9042 Datasheet HTML 3Page - Analog Devices AD9042 Datasheet HTML 4Page - Analog Devices AD9042 Datasheet HTML 5Page - Analog Devices AD9042 Datasheet HTML 6Page - Analog Devices AD9042 Datasheet HTML 7Page - Analog Devices AD9042 Datasheet HTML 8Page - Analog Devices AD9042 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9042
–4–
REV. A
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9042AST
–40
°C to +85°C (Ambient)
44-Pin TQFP (Thin Quad Plastic Flatpack)
ST-44
AD9042AD
–40
°C to +85°C (Ambient)
28-Pin 600 Mil Hermetic Ceramic DIP (DH-28)
DH-28
AD9042CHIPS
–40
°C to +85°C (Ambient)
Unpackaged Die
AD9042ST/PCB
Evaluation Board with AD9042AST
AD9042D/PCB
Evaluation Board with AD9042AD
WAFER TEST LIMITS1
AD9042CHIPS
Parameter
Temp
Min
Max
Units
POWER SUPPLY
ICC Supply Current
+25
°C
90
147
mA
ENCODE Input
Logic “1” Current
+25
°C
450
800
µA
Logic “0” Current
+25
°C
–400
–200
µA
DC ACCURACY
Offset Error
+25
°C–8
8
mV
Gain Error
+25
°C
–6
6
% FS
No Missing Codes
+25
°C
Guaranteed
Differential Nonlinearity @ 5.3 MSPS
+25
°C
–0.995
LSB
NOTES
1Electrical test is performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after
packaging is not guaranteed for standard product dice.
2Die substrate is connected to 0 V.
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min
Max
Units
ELECTRICAL
AVCC Voltage
0
7
V
DVCC Voltage
0
7
V
Analog Input Voltage
0.5
4.5
V
Analog Input Current
20
mA
Digital Input Voltage (ENCODE)
0
AVCC V
ENCODE, ENCODE Differential
Voltage
4
V
Digital Output Current
–40
40
mA
ENVIRONMENTAL
2
Operating Temperature Range
(Ambient)
–40
+85
°C
Maximum Junction Temperature
AD9042AD
+175
°C
AD9042AST
+150
°C
Lead Temperature (Soldering, 10 sec)
+300
°C
Storage Temperature Range (Ambient) –65
+150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances for “D” package (custom ceramic 28-pin DIP):
θ
JC = 14°C/W; θJA = 34°C/W. For “ST” package (44-pin TQFP) ; θJA = 55°C/W.
(AVCC = DVCC = +5 V; ENCODE = 10.3 MSPS unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9042 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
EXPLANATION OF TEST LEVELS
Test Level
I
–
100% production tested.
II
–
100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample
basis.
III –
Sample tested only.
IV –
Parameter is guaranteed by design and characterization
testing.
V
–
Parameter is a typical value only.
VI –
All devices are 100% production tested at +25
°C;
sample tested at temperature extremes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com