Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9048 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9048
Description  Monolithic 8-Bit Video A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9048 Datasheet(HTML) 2 Page - Analog Devices

  AD9048 Datasheet HTML 1Page - Analog Devices AD9048 Datasheet HTML 2Page - Analog Devices AD9048 Datasheet HTML 3Page - Analog Devices AD9048 Datasheet HTML 4Page - Analog Devices AD9048 Datasheet HTML 5Page - Analog Devices AD9048 Datasheet HTML 6Page - Analog Devices AD9048 Datasheet HTML 7Page - Analog Devices AD9048 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS
Test
AD9048JJ/JQ
AD9048KJ/KQ
AD9048SE/SQ
AD9048TE/TQ
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min Typ Max
Min
Typ
Max
Min Typ Max
Units
RESOLUTION
8
8
8
8
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.4
0.75
0.3
0.5
0.4
0.75
0.3
0.5
LSB
Full
VI
1.0
0.75
1.0
0.75
LSB
Integral Nonlinearity
+25
°C
I
0.6
0.75
0.4
0.5
0.6
0.75
0.4
0.5
LSB
Full
VI
1.0
0.75
1.0
0.75
LSB
No Missing Codes
Full
VI
GUARANTEED
GUARANTEED
GUARANTEED
GUARANTEED
INITIAL OFFSET ERROR
Top of Reference Ladder
+25
°C
I
512
5
12
512
5
12
mV
Full
VI
12
12
12
12
mV
Bottom of Reference Ladder
+25
°C
I
48
4
8
48
4
8
mV
Full
VI
8
8
8
8
mV
Offset Drift Coefficient
Full
V
20
20
20
20
µV/°C
ANALOG INPUT
Input Voltage Range
Full
V
–2.1;
–2.1;
–2.1;
–2.1;
+0.1
+0.1
+0.1
+0.1
V
Input Bias Current7
+25
°C
I
36
60
36
60
36
60
36
60
µA
Full
VI
100
100
100
100
µA
Input Resistance
+25
°C
I
200
300
200
300
200
300
200
300
k
Ω
Full
VI
40
40
40
40
k
Ω
Input Capacitance
+25
°C
IV
1620
16
20
1620
16
20
pF
Full Power Bandwidth8
+25
°C
IV
10
1510
1510
1510
15
MHz
REFERENCE INPUT
Positive Reference Voltage9
Full
V
0.0
0.0
0.0
0.0
V
Negative Reference Voltage9
Full
V
–2.0
–2.0
–2.0
–2.0
V
Differential Reference Voltage
Full
V
2.0
2.0
2.0
2.0
V
Reference Ladder Resistance
Full
VI
30
60
125
30
60
125
30
60
125
30
60
125
Ω
Ladder Temperature Coefficient
Full
V
0.22
0.22
0.22
0.22
Ω/°C
Reference Ladder Current
Full
VI
23
40
23
40
23
40
23
40
mA
Reference Input Bandwidth
+25
°C
V
10
10
10
10
MHz
DYNAMIC PERFORMANCE10
Conversion Rate
+25
°C
I
35
38
35
38
35
38
35
38
MHz
Aperture Delay
+25
°C
IV
2.4
5
2.4
5
2.4
5
2.4
5
ns
Aperture Uncertainty (Jitter)
+25
°C
IV
2550
25
50
2550
25
50
ps
Output Delay (tPD)
+25
°C
I
13
15
9
15
9
15
9
15
ns
Output Hold Time (tOH)
11
+25
°C
I
58
5
8
58
5
8
ns
Transient Response12
+25
°C
IV
6
20
6
20
6
20
6
20
ns
Overvoltage Recovery Time13
+25
°C
V
88
88
ns
Rise Time
+25
°CI
9
9
9
9
ns
Fall Time
+25
°C
I
14
14
14
14
ns
Output Time Skew14
+25
°C
I
4.5
7
4.5
7
4.5
7
4.5
7
ns
NMINV and NLINV INPUTS
+0.4 V Input Current
Full
VI
200
200
200
200
µA
+2.4 V Input Current
Full
VI
150
150
150
150
µA
+5.5 V Input Current
Full
VI
150
150
150
150
µA
CONVERT INPUT
Logic “1” Voltage
Full
VI
2.0
2.0
2.0
2.0
V
Logic “0” Voltage
Full
VI
0.8
0.8
0.8
0.8
V
Logic “1” Current
Full
VI
150
150
150
150
µA
Logic “0” Current
Full
VI
500
500
500
500
µA
Input Capacitance
+25
°C
IV
4
64
6
4
64
6
pF
Convert Pulsewidth (LOW)
+25
°C
I
18
18
18
18
ns
Convert Pulsewidth (HIGH)
+25
°C
I
10
10
10
10
ns
REV. C
–2–
ABSOLUTE MAXIMUM RATINGS
1
VCC to DGND . . . . . . . . . . . . . . . . . . . –0.5 V dc to +7.0 V dc
AGND to DGND . . . . . . . . . . . . . . . . –0.5 V dc to +0.5 V dc
VEE to AGND . . . . . . . . . . . . . . . . . . . +0.5 V dc to –7.0 V dc
VIN, VRT or VRB to AGND . . . . . . . . . . . . . . . . . +0.5 V to VEE
VRT to VRB . . . . . . . . . . . . . . . . . . . . . . –2.2 V dc to +2.2 V dc
CONV, NMINV or NLINV to DGND –0.5 V dc to +5.5 V dc
Applied Output Voltage to DGND . . . –0.5 V dc to +5.5 V dc
2
Applied Output Current, Externally Forced
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . –1.0 mA to +6.0 mA
3, 4
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . 1.0 sec
5
Operating Temperature Range (Ambient)
AD9048JJ/KJ/JQ/KQ . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD9048SE/SQ/TE/TQ . . . . . . . . . . . . . . –55
°C to +125°C
Maximum Junction Temperature (Plastic) . . . . . . . . +150
°C6
Maximum Junction Temperature (Hermetic) . . . . . . +175
°C6
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
AD9048–SPECIFICATIONS (typical with nominal supplies unless otherwise noted)
(VCC = +5.0 V; VEE = –5.2 V; Differential Reference Voltage = 2.0 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com