Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9050 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9050
Description  10-Bit, 40 MSPS/60 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9050 Datasheet(HTML) 2 Page - Analog Devices

  AD9050 Datasheet HTML 1Page - Analog Devices AD9050 Datasheet HTML 2Page - Analog Devices AD9050 Datasheet HTML 3Page - Analog Devices AD9050 Datasheet HTML 4Page - Analog Devices AD9050 Datasheet HTML 5Page - Analog Devices AD9050 Datasheet HTML 6Page - Analog Devices AD9050 Datasheet HTML 7Page - Analog Devices AD9050 Datasheet HTML 8Page - Analog Devices AD9050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD9050–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Test
AD9050BR/BRS
AD9050BRS-60
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
10
10
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.75
1.75
0.85
1.85
LSB
Full
V
1.0
1.1
LSB
Integral Nonlinearity
+25
°C
I
1.0
1.75
1.25
2.0
LSB
Full
V
1.25
1.50
LSB
No Missing Codes
Full
IV
GUARANTEED
GUARANTEED
Gain Error
+25
°CI
±1.0
7.5
±1.0
8.5
% FS
Gain Tempco1
Full
V
±100
±100
ppm/
°C
ANALOG INPUT
Input Voltage Range
+25
°C
V
1.024
1.024
V p-p
Input Offset Voltage
+25
°C
I
–10
+7
+25
–10
+7
+25
mV
Full
IV
–32
+51
–32
+51
mV
Input Resistance
+25
°C
I
3.5
5.0
6.5
3.5
5.0
6.5
k
Ω
Input Capacitance
+25
°CV
5
5
pF
Analog Bandwidth
+25
°C
V
100
100
MHz
BANDGAP REFERENCE
Output Voltage
+25
°C
I
2.4
2.5
2.6
2.4
2.5
2.6
V
Temperature Coefficient
1
Full
V
±50
±50
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
+25
°C
I
40
60
MSPS
Minimum Conversion Rate
+25
°C
IV
1.5
3
1.5
3
MSPS
Aperture Delay (tA)
+25
°C
V
2.7
2.7
ns
Aperture Uncertainty (Jitter)
+25
°C
V
5
5
ps, rms
Output Propagation Delay (tPD)
2
Full
IV
5
15
5
15
ns
DYNAMIC PERFORMANCE
Transient Response
+25
°C
V
10
10
ns
Overvoltage Recovery Time
+25
°C
V
10
10
ns
ENOBS
fIN = 2.3 MHz
+25
°C
V
8.93
8.93
ENOBs
fIN = 10.3 MHz
+25
°C
I
8.51
8.85
8.15
8.51
ENOBs
Signal-to-Noise Ratio (SINAD)
3
fIN = 2.3 MHz
+25
°C
V
55.5
55.5
dB
fIN = 10.3 MHz
+25
°C
I
53
55
51
53
dB
Signal-to-Noise Ratio
(Without Harmonics)
fIN = 2.3 MHz
+25
°C
V
56
56
dB
fIN = 10.3 MHz
+25
°C
I
53.5
55.5
51.5
54.0
dB
2nd Harmonic Distortion
fIN = 2.3 MHz
+25
°C
V
–69
–69
dBc
fIN = 10.3 MHz
+25
°C
I
–67
–60
–64
–58.5
dBc
3rd Harmonic Distortion
fIN = 2.3 MHz
+25
°C
V
–75
–75
dBc
fIN = 10.3 MHz
+25
°C
I
–70
–58
–62
–57.5
dBc
Two-Tone Intermodulation
Distortion (IMD)4
+25
°C
V
65
65
dBc
Differential Phase
+25
°C
V
0.15
0.15
Degrees
Differential Gain
+25
°C
V
0.25
0.25
%
REV. B
–2–
(VD, VDD = +5 V; internal reference; ENCODE = 40 MSPS for BR/BRS, 60 MSPS for BRS-60
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com