Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9040APCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9040APCB
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040APCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9040APCB Datasheet HTML 4Page - Analog Devices AD9040APCB Datasheet HTML 5Page - Analog Devices AD9040APCB Datasheet HTML 6Page - Analog Devices AD9040APCB Datasheet HTML 7Page - Analog Devices AD9040APCB Datasheet HTML 8Page - Analog Devices AD9040APCB Datasheet HTML 9Page - Analog Devices AD9040APCB Datasheet HTML 10Page - Analog Devices AD9040APCB Datasheet HTML 11Page - Analog Devices AD9040APCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9040A
REV. B
–11–
1.2
0.8
0.6
0.4
1.0
1
2
4
6
10
20
40
60
CLOCK RATE – MSPS
Figure 11. Power Dissipation vs.
Clock Rate
0
0.5
1.0
40
030
20
10
CLOCK RATE – MSPS
Figure 14. Differential Nonlinearity
vs. Clock Rate
60
40
125
55
45
–55
50
85 105
65
45
25
5
–15
–35
TEMPERATURE – C
ENCODE = 32.2 MSPS
AIN = 10.3 MHz
ENCODE = 40.5 MSPS
Figure 17. SNR vs. Temperature
0
2.5
5.0
FREQUENCY – MHz
0
–65
ENCODE = 40.5 MSPS
f1 IN = 2.25 MHz @ –7 dBFS
f2 IN = 2.35 MHz @ –7 dBFS
2f1 – f2 = –69.4 dBFS
2f2 – f1 = –69.2 dBFS
Figure 20.
60
66
48
42
54
36
28
20
12
4
CLOCK RATE – MSPS
A
= 10.3 MHz
IN
Figure 13. SNR vs. Clock Rate
992
960
928
96
64
32
0
5
1015
20
2530
35
40
4550
0
TIME – ns
1024
Figure 16. Transient Response
(Expanded View)
0
8.0
0
–65
8.0
FREQUENCY – MHz
16.1
ENCODE = 32.2 MSPS
ANALOG IN = 10.3 MHZ
SNR = 55.37 dB
SNR (w/o har.) = 56.77 dB
2nd HARMONIC = –63.3 dB
3rd HARMONIC = –75.4 dB
Figure 19.
0
–65
0
10.1
20.2
FREQUENCY – MHz
ENCODE = 40.5 MSPS
ANALOG IN = 10.3 MHz
SNR = 53.38 dB
SNR (w/o har.) = 54.31 dB
2nd HARMONIC = –64.7 dB
3rd HARMONIC = –73.7 dB
Figure 22.
FREQUENCY – MHz
–63
–73
–48
–68
–53
–58
1
10
100
24
6
20
40 60
60
42
66
48
54
ENCODE = 40.5 MSPS
HARMONIC
DISTORTION
SNR
Figure 12. Harmonic Distortion
and SNR vs. Analog Input
1024
896
768
640
512
384
256
128
0
5
10
15
2025
303540
45
50
0
TIME – ns
Figure 15. Transient Response
0
8.0
16.1
FREQUENCY – MHz
0
–65
ENCODE = 32.2 MSPS
ANALOG IN = 2.3 MHz
SNR = 56.79 dB
SNR (w/o har.) = 57.58 dB
2nd HARMONIC = –68.5 dB
3rd HARMONIC = 80.7 dB
Figure 18.
0
10.1
20.2
FREQUENCY – MHz
0
–65
ENCODE = 40.5 MSPS
ANALOG IN = 2.3 MHz
SNR = 55.20 dB
SNR (w/o har.) = 55.90 dB
2nd HARMONIC = –75.1 dB
3rd HARMONIC = –73.2 dB
Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com