Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS21WS
Description  High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS21WS Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS21WS_13 Datasheet HTML 1Page - Micro Commercial Components BAS21WS_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS21WS
High Voltage
Switching Diode
Features
.
Maximum Ratings
Symbol
Rating
Value
Unit
VR
Continuous Reverse Voltage
250
Vdc
IF
Peak Forward Current
200
mAdc
IFM(surge)
Peak Forward Surge Current
625
mAdc
Thermal Characteristics
Symbol
Characteristic
Max
Unit
PD
Total Device Dissipation FR-5
Board *, TA=25
OC
Derate above 25
OC
200
1.57
mW
mW/
OC
RJA
Thermal Resistance Junction to
Ambient
635
OC/W
TJ,TSTG
Junction and Storage Temperature
Range
-55 to
+155
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Characteristic
Min
Max
Unit
Off Characteristics
IR
Reverse Voltage Leakage Current
(VR=200Vdc)
(VR=200Vdc, TJ=150
OC)
---
---
0.1
100
uAdc
V(BR)
Reverse Breakdown Voltage
(IBR=100uAdc)
250
---
Vdc
VF
Forward Voltage
(IF=100mAdc)
(I F=200mAdc)
---
---
1000
1250
mVdc
CD
Diode Capacitance
(VR=0, f=1.0MHz)
---
5.0
pF
trr
Reverse Recovery Time
(IF=IR=30mAdc, RL=100 OHM)
---
50
ns
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
www.mccsemi.com
TM
Micro Commercial Components
1 of 2
For Surface Mount Application.
•
For Surface Mount Application.
.
•
Device Marking: JS
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
*FR-5 Minimum Pad
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
SOD-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
G
Revision:
B
20
13/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - BAS21WS_13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS21WS-T1 WTE-BAS21WS-T1 Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
BAS21WS-T3 WTE-BAS21WS-T3 Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Nanjing International G...
BAS21WSAVD DGNJDZ-BAS21WSAVD Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAS21WS DGNJDZ-BAS21WS_V01 Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate Diodes
More results

Similar Description - BAS21WS_13

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com