Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9054PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9054PCB
Description  8-Bit, 200 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9054PCB Datasheet HTML 7Page - Analog Devices AD9054PCB Datasheet HTML 8Page - Analog Devices AD9054PCB Datasheet HTML 9Page - Analog Devices AD9054PCB Datasheet HTML 10Page - Analog Devices AD9054PCB Datasheet HTML 11Page - Analog Devices AD9054PCB Datasheet HTML 12Page - Analog Devices AD9054PCB Datasheet HTML 13Page - Analog Devices AD9054PCB Datasheet HTML 14Page - Analog Devices AD9054PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9054
–11–
REV. 0
APPLICATION NOTES
THEORY OF OPERATION
The AD9054 combines Analog Devices’ patented MagAmp bit-
per-stage architecture with flash converter technology to create
a high performance, low power ADC. For ease of use the part
includes an onboard reference and input logic that accepts
TTL, CMOS or PECL levels.
The analog input signal is buffered by a high-speed differential
amplifier and applied to a track-and-hold (T/H) circuit. This
T/H captures the value of the input at the sampling instant and
maintains it for the duration of the conversion. The sampling
and conversion process is initiated by a rising edge on the
ENCODE input. Once the signal is captured by the T/H, the
four Most Significant Bits (MSBs) are sequentially encoded by
the MagAmp string. The residue signal is then encoded by a
flash comparator string to generate the four Least Significant
Bits (LSBs). The comparator outputs are decoded and com-
bined into the eight-bit result.
If the user has selected Single Channel Mode (
DEMUX =
HIGH), the eight-bit data word is directed to the Channel A
output bank. Data are strobed to the output on the rising edge
of the ENCODE input with four pipeline delays. If the user has
selected Dual Channel Mode (
DEMUX = LOW) the data are
alternately directed between the A and B output banks and have
five pipeline delays. At power-up, the N sample data can ap-
pear at either the A or B port. To align the data in a known
state the user must strobe DATA SYNC (DS,
DS) per the
conditions described in the Timing section.
Graphics Applications
The high bandwidth and low power of the AD9054 make it
very attractive for applications that require the digitization of
presampled waveforms, wherein the input signal rapidly slews
from one level to another and is relatively stable for a period of
time. Examples of these include digitizing the output of com-
puter graphic display systems and very high speed solid state
imagers.
These applications require the converter to process inputs with
frequency components well in excess of the sampling rate (often
with subnanosecond rise times), after which the A/D must settle
and sample the input in well under one pixel time. The archi-
tecture of the AD9054 is vastly superior to older flash architec-
tures, which not only exhibit excessive input capacitance (which
is very hard to drive) but can make major errors when fed a very
rapidly slewing signal. The AD9054’s extremely wide bandwidth
Track/Hold circuit processes these signals without difficulty.
Using the AD9054
Good high speed design practices must be followed when using
the AD9054. To obtain maximum benefit, decoupling capaci-
tors should be physically as close to the chip as possible. We
recommend placing a 0.1
µF capacitor at each power-ground
pin pair (9 total) for high frequency decoupling, and including
one 10
µF capacitor for local low frequency decoupling. The
VREF IN pin should also be decoupled by a 0.1
µF capacitor.
The part should be located on a solid ground plane and output
trace lengths should be short (<1 inch) to minimize transmis-
sion line effects. This avoids the need for termination resistors
on the output bus and reduces the load capacitance that needs
to be driven, which in turn minimizes on-chip noise due to
heavy current flow in the outputs. We have obtained optimum
performance on our evaluation board by tying all VDD pins to a
quiet analog power supply system, and tying all GND pins to a
quiet analog system ground.
Minimum Encode Rate
The minimum sampling rate for the AD9054 is 25 MHz. To
achieve very high sampling rates, the track/hold circuit employs
a very small hold capacitor. When operated below the minimum
guaranteed sampling rate, the T/H droop becomes excessive.
This is first observed as an increase in offset voltage, followed by
degraded linearity at even lower frequencies.
Lower effective sampling rates may be easily supported by oper-
ating the converter in dual port output mode and using only one
output channel. A majority of the power dissipated by the AD9054
is static (not related to conversion rate) so the penalty for clock-
ing at twice the desired rate is not high.
Reference
The AD9054 internal reference, VREF, provides a simple, cost
effective reference for many applications. It exhibits reasonable
accuracy and excellent stability over power supply and tempera-
ture variations. The VREF OUT pin can simply be strapped to
the VREF IN pin. The internal reference can be used to drive
additional loads (up to several mA), including multiple A/D con-
verters as might be required in a triple video converter application.
When an external reference is desired for accuracy or other
requirements, the AD9054 should be driven directly by the
external reference source connected to pin VREF IN (VREF
OUT can be left floating). The external reference can be set to
2.5 V
± 0.25 V. If VREF IN is raised by 10% (set to 2.75 V) the
analog full-scale range will increase by 10% to 1.024
× 1.1 =
1.1264 V. The new input range will then be
AIN
±0.5632 V.
Digital Inputs
SNR performance is directly related to the sampling clock sta-
bility in A/D converters, particularly for high input frequencies
and wide bandwidths. A low jitter clock (<10 ps @ 100 MHz)
is essential for optimum performance when digitizing signals
that are not presampled.
ENCODE and Data Select (DS) can be driven differentially or
single-ended. For single-ended operation, the complement
inputs (
ENCODE, DS) are internally biased to V
DD/3 (~1.5 V)
by a high impedance on-chip resistor divider (Figure 5), but
they may be externally driven to establish an alternate threshold
if desired. A 0.1
µF decoupling capacitor to ground is sufficient
to maintain a threshold appropriate for TTL or CMOS logic.
TAMB – C
2.502
2.501
2.498
–40
100
–20
0
20
40
60
80
2.500
2.499
Figure 33. Reference Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com