Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9054APCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9054APCB
Description  8-Bit, 200 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054APCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9054APCB Datasheet HTML 10Page - Analog Devices AD9054APCB Datasheet HTML 11Page - Analog Devices AD9054APCB Datasheet HTML 12Page - Analog Devices AD9054APCB Datasheet HTML 13Page - Analog Devices AD9054APCB Datasheet HTML 14Page - Analog Devices AD9054APCB Datasheet HTML 15Page - Analog Devices AD9054APCB Datasheet HTML 16Page - Analog Devices AD9054APCB Datasheet HTML 17Page - Analog Devices AD9054APCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD9054A
–14–
REV. B
Applications that call for the AD9054A to be synchronized at
power-up or only periodically during calibration/reset (i.e., valid
data is not required prior to synchronization), need only be
concerned with the timing of the falling edge of DS. The falling
edge of DS must satisfy the setup time defined by Figure 2 and
the specification table. In this case the DS hold time specifica-
tion on the rising edge can be ignored.
Applications that will continuously update the synchronization
command need to treat the DS signal as a pulse and satisfy
timing requirements on both rising and falling edges. It is easiest
to consider the DS signal in this case to be a pulse train at one
half the encode rate, the positive pulse nominally bracketing the
ENCODE falling edge on alternate cycles as shown in the tim-
ing diagram (Figure 2b). Both the falling and rising edges of DS
must satisfy minimum setup (tSDS) and hold (tHDS) times with
respect to the falling edges of ENCODE. This timing require-
ment produces a tight timing window at higher encode rates.
Synchronization by a single reset edge results in a simpler timing
solution in many applications. For example, synchronization
may be provided at the beginning of each graphics line or frame.
The data are presented at the output of the AD9054A in a ping-
pong (alternating) fashion to optimize the performance of the
converter. It may be aligned for presentation as sixteen bits in
parallel by adding a register stage to the output.
In Dual Channel Mode, the converted data is produced five
clock cycles after the rising edge of ENCODE on which the
sample is taken (five pipeline delays).
In Figure 36, the converter is operating in Dual Port Mode,
with data coming alternately out of Port A and Port B. The
figure illustrates how the output data may be aligned with an
output latch to produce a 16-bit output at 1/2 the conversion
clock rate. The Data Sync input must be properly exercised to
time the A Port with the synchronizing latch.
VIN
0.1 F
1k
0.1 F
0.1 F
NC
CLOCK
VREF OUT
VREF IN
AIN
AIN
DEMUX
AD9054A
DS
DS ENC ENC
A PORT
DS
'573
B PORT
'74
DIVIDE
BY 2
NC = NO CONNECT
Figure 36. Dual Port Mode—Aligned Output Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com