Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9224ARS Datasheet(PDF) 19 Page - Analog Devices

Part # AD9224ARS
Description  Complete 12-Bit 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224ARS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9224ARS Datasheet HTML 15Page - Analog Devices AD9224ARS Datasheet HTML 16Page - Analog Devices AD9224ARS Datasheet HTML 17Page - Analog Devices AD9224ARS Datasheet HTML 18Page - Analog Devices AD9224ARS Datasheet HTML 19Page - Analog Devices AD9224ARS Datasheet HTML 20Page - Analog Devices AD9224ARS Datasheet HTML 21Page - Analog Devices AD9224ARS Datasheet HTML 22Page - Analog Devices AD9224ARS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD9224
–19–
REV. A
In this case an 80 MHz clock is divided by two to produce the
40 MHz clock input for the AD9224. In this configuration, the
duty cycle of the 80 MHz clock is irrelevant.
The input circuitry for the CLOCK pin is designed to accom-
modate CMOS inputs. The quality of the logic input, particu-
larly the rising edge, is critical in realizing the best possible jitter
performance of the part: the faster the rising edge, the better the
jitter performance.
As a result, careful selection of the logic family for the clock
driver, as well as the fanout and capacitive load on the clock
line, is important. Jitter-induced errors become more predomi-
nant at higher frequency, large amplitude inputs, where the
input slew rate is greatest.
Most of the power dissipated by the AD9224 is from the analog
power supplies. However, lower clock speeds will reduce digital
current. Figure 34 shows the relationship between power and
clock rate.
SAMPLE RATE – MHz
15
50
20
25
30
35
40
45
460
300
440
380
360
340
320
420
400
2V INTERNAL REFERENCE
1V INTERNAL REFERENCE
Figure 34. Power Consumption vs. Clock Rate
Direct IF Down Conversion Using the AD9224
Sampling IF signals above an ADC’s baseband region (i.e., dc
to FS/2) is becoming increasingly popular in communication
applications. This process is often referred to as Direct IF Down
Conversion or Undersampling. There are several potential ben-
efits in using the ADC to alias (or mix) down a narrowband or
wideband IF signal. First and foremost is the elimination of a
complete mixer stage with its associated baseband amplifiers
and filters, reducing cost and power dissipation. Second is the
ability to apply various DSP techniques to perform such func-
tions as filtering, channel selection, quadrature demodulation,
data reduction, detection, etc. A detailed discussion on using
this technique in digital receivers can be found in Analog De-
vices Application Notes AN-301 and AN-302.
In Direct IF Down Conversion applications, one exploits the
inherent sampling process of an ADC in which an IF signal
lying outside the baseband region can be aliased back into the
baseband region in a similar manner that a mixer will down-
convert an IF signal. Similar to the mixer topology, an image
rejection filter is required to limit other potential interfering
signals from also aliasing back into the ADC’s baseband region.
A tradeoff exists between the complexity of this image rejection
filter and the ADC’s sample rate as well as dynamic range.
The AD9224 is well suited for various IF sampling applications.
The AD9224’s low distortion input SHA has a full-power
bandwidth extending beyond 120 MHz, thus encompassing
many popular IF frequencies. A DNL of
±0.7 LSB (typ) com-
bined with low thermal input referred noise allows the AD9224
in the 2 V span to provide 69 dB of SNR for a baseband input
sine wave. Also, its low aperture jitter of 4 ps rms ensures
minimum SNR degradation at higher IF frequencies. In fact,
the AD9224 is capable of still maintaining 64.5 dB of SNR at
an IF of 71 MHz with a 2 V input span. Note, although the
AD9224 can yield a 1 dB to 2 dB improvement in SNR when
configured for the larger 4 V span, the 2 V span achieves the
optimum full- scale distortion performance at these higher input
frequencies. Also, the 2 V span reduces the performance re-
quirements of the input driver circuitry (i.e., IP3) and thus may
also be more attractive from a system implementation perspective.
Figure 35 shows a simplified schematic of the AD9224 config-
ured in an IF sampling application. To reduce the complexity of
the digital demodulator in many quadrature demodulation ap-
plications, the IF frequency and/or sample rate are strategically
selected such that the bandlimited IF signal aliases back into the
center of the ADC’s baseband region (i.e., FS/4). For example,
if an IF signal centered at 45 MHz is sampled at 36 MSPS, an
image of this IF signal will be aliased back to 9.0 MHz, which
corresponds to one quarter of the sample rate (i.e., FS/4). This
demodulation technique typically reduces the complexity of the
post digital demodulator ASIC which follows the ADC.
OPTIONAL
BANDPASS
FILTER
SAW
FILTER
HIGH
LINEARITY
RF AMPLIFIER
FROM
PREVIOUS
STAGES
MIXER
200
20
20
0.1 F
MINICIRCUITS
T4-6T
RF2317
RF2312
VINA
VINB
CML
AD9224
0.1 F
10 F
VREF
SENSE
REFCOM
Figure 35. Example of AD9224 IF Sampling Circuit
To maximize its distortion performance, the AD9224 is config-
ured in the differential mode with a 2 V span using a transformer.
The center-tap of the transformer is biased at midsupply via the
CML output of the AD9224. Preceding the AD9224 and trans-
former is an optional bandpass filter as well as a gain stage. A
low Q passive bandpass filter can be inserted to reduce out-
of-band distortion and noise which lies within the AD9224’s
130 MHz bandwidth. A large gain stage(s) is often required to
compensate for the high insertion losses of a SAW filter used for
channel selection and image rejection. The gain stage will also
provide adequate isolation for the SAW filter from the charge
“kick back” currents associated with the AD9224’s switched
capacitor input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com