Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9225 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9225
Description  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225 Datasheet(HTML) 2 Page - Analog Devices

  AD9225 Datasheet HTML 1Page - Analog Devices AD9225 Datasheet HTML 2Page - Analog Devices AD9225 Datasheet HTML 3Page - Analog Devices AD9225 Datasheet HTML 4Page - Analog Devices AD9225 Datasheet HTML 5Page - Analog Devices AD9225 Datasheet HTML 6Page - Analog Devices AD9225 Datasheet HTML 7Page - Analog Devices AD9225 Datasheet HTML 8Page - Analog Devices AD9225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
–2–
REV. A
AD9225–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
RESOLUTION
12
Bits
MAX CONVERSION RATE
25
MHz
INPUT REFERRED NOISE
VREF = 1.0 V
0.35
LSB rms
VREF = 2.0 V
0.17
LSB rms
ACCURACY
Integral Nonlinearity (INL)
±1.0
±2.5
LSB
Differential Nonlinearity (DNL)
±0.4
±1.0
LSB
No Missing Codes
12
Bits Guaranteed
Zero Error (@ +25
°C)
±0.3
±0.6
% FSR
Gain Error (@ +25
°C)1
±0.5
±2.2
% FSR
Gain Error (@ +25
°C)2
±0.4
±1.7
% FSR
TEMPERATURE DRIFT
Zero Error
±2
ppm/
°C
Gain Error
1
±26
ppm/
°C
Gain Error
2
±0.4
ppm/
°C
POWER SUPPLY REJECTION
AVDD (+5 V
± 0.25 V)
±0.1
±0.35
% FSR
ANALOG INPUT
Input Span
2
V p-p
4
V p-p
Input (VINA or VINB) Range
0
V
AVDD
V
Input Capacitance
10
pF
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
1.0
V
Output Voltage Tolerance (1 V Mode)
±5
±17
mV
Output Voltage (2.0 V Mode)
2.0
V
Output Voltage Tolerance (2.0 V Mode)
±10
±35
mV
Output Current (Available for External Loads)
1.0
mA
Load Regulation
3
1.0
3.4
mV
REFERENCE INPUT RESISTANCE
8
k
Ω
POWER SUPPLIES
Supply Voltages
AVDD
4.75
5
5.25
V (
±5% AVDD Operating)
DRVDD
2.85
5.25
V (
±5% DRVDD Operating)
Supply Currents
IAVDD
65
72.5
mA
IDRVDD
2.0
4.0
mA
POWER CONSUMPTION
External Reference
280
310
mW (VREF = 1 V)
335
373
mW (VREF = 2 V)
Internal Reference
290
mW (VREF = 1 V)
345
mW (VREF = 2 V)
NOTES
1Includes internal voltage reference error.
2Excludes internal voltage reference error.
3Load regulation with 1 mA load current (in addition to that required by the AD9225).
Specifications subject to change without notice.
(AVDD = +5 V, DRVDD = +5 V, fSAMPLE = 25 MSPS, VREF = 2.0 V, VINB = 2.5 V dc, TMIN to TMAX unless otherwise noted)
DC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com