Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9224-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9224-EB
Description  Complete 12-Bit 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224-EB Datasheet(HTML) 3 Page - Analog Devices

  AD9224-EB Datasheet HTML 1Page - Analog Devices AD9224-EB Datasheet HTML 2Page - Analog Devices AD9224-EB Datasheet HTML 3Page - Analog Devices AD9224-EB Datasheet HTML 4Page - Analog Devices AD9224-EB Datasheet HTML 5Page - Analog Devices AD9224-EB Datasheet HTML 6Page - Analog Devices AD9224-EB Datasheet HTML 7Page - Analog Devices AD9224-EB Datasheet HTML 8Page - Analog Devices AD9224-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
–3–
REV. A
AD9224
AC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
SIGNAL-TO-NOISE AND DISTORTION RATIO (S/N+D)
f
INPUT = 2.5 MHz
65
68.3
dB
f
INPUT = 10 MHz
63.5
68.0
dB
SIGNAL-TO-NOISE RATIO (SNR)
f
INPUT = 2.5 MHz
65.3
69.1
dB
f
INPUT = 10 MHz
64.6
68.4
dB
TOTAL HARMONIC DISTORTION (THD)
f
INPUT = 2.5 MHz
–80
–71
dB
f
INPUT = 10 MHz
–78
–67.4
dB
SPURIOUS FREE DYNAMIC RANGE
f
INPUT = 2.5 MHz
71.1
81
dB
f
INPUT = 10 MHz
67.9
79
dB
Full Power Bandwidth
120
MHz
Small Signal Bandwidth
120
MHz
Aperture Delay
1ns
Aperture Jitter
4
ps rms
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameters
Symbol
Min
Typ
Max
Units
LOGIC INPUTS
High Level Input Voltage
VIH
+3.5
V
Low Level Input Voltage
VIL
+1.0
V
High Level Input Current (VIN = DRVDD)
IIH
–10
+10
µA
Low Level Input Current (VIN = 0 V)
IIL
–10
+10
µA
Input Capacitance
CIN
5pF
LOGIC OUTPUTS (With DRVDD = 5 V)
High Level Output Voltage (IOH = 50
µA)
VOH
+4.5
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50
µA)
VOL
+0.1
V
Output Capacitance
COUT
5pF
LOGIC OUTPUTS (With DRVDD = 3 V)
High Level Output Voltage (IOH = 50
µA)
VOH
+2.95
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.80
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50
µA)
VOL
+0.05
V
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Parameters
Symbol
Min
Typ
Max
Units
Clock Period1
tC
25
ns
CLOCK Pulsewidth High
2
tCH
12.37
ns
CLOCK Pulsewidth Low
tCL
12.37
ns
Output Delay
tOD
13
ns
Pipeline Delay (Latency)
3
Clock Cycles
NOTES
1The clock period may be extended to 1 ms without degradation in specified performance @ +25
°C.
2
For operation at 40 MHz, the clock must be held to 50% duty cycle. See section on clock shaping in text.
Specifications subject to change without notice.
(AVDD = +5 V, DRVDD = +3 V, f
SAMPLE = 40 MSPS, VREF = 2.0 V, TMIN to TMAX, Differential Input unless otherwise noted)
(AVDD = +5 V, DRVDD = +5 V, unless otherwise noted)
(TMIN to TMAX with AVDD = + 5 V, DRVDD = +5 V, CL = 20 pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com