Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9260EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9260EB
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9260EB Datasheet HTML 8Page - Analog Devices AD9260EB Datasheet HTML 9Page - Analog Devices AD9260EB Datasheet HTML 10Page - Analog Devices AD9260EB Datasheet HTML 11Page - Analog Devices AD9260EB Datasheet HTML 12Page - Analog Devices AD9260EB Datasheet HTML 13Page - Analog Devices AD9260EB Datasheet HTML 14Page - Analog Devices AD9260EB Datasheet HTML 15Page - Analog Devices AD9260EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9260
–12–
REV. B
–Typical Performance Characteristics
FREQUENCY – MHz
0
0
1.2
0.2
0.4
0.6
0.8
1.0
–20
–40
–60
–80
–100
–120
100kHz INPUT
20MHz CLOCK
8
DECIMATION
THD: –96dB
Figure 5. Spectral Plot of the AD9260 at 100 kHz Input,
20 MHz Clock, 8
× OSR (2.5 MHz Output Data Rate)
FREQUENCY – MHz
0
0
0.5
1
1.5
2
2.5
–20
–40
–60
–80
–100
–120
100kHz INPUT
20MHz CLOCK
4
DECIMATION
THD: –98dB
Figure 6. Spectral Plot of the AD9260 at 100 kHz Input,
20 MHz Clock, 4
× OSR (5 MHz Output Data Rate)
FREQUENCY – MHz
0
0
5
0.5
1
1.5
2
2.5
3
3.5
4
4.5
–20
–40
–60
–80
–100
–120
100kHz INPUT
20MHz CLOCK
2
DECIMATION
THD: –98dB
Figure 7. Spectral Plot of the AD9260 at 100 kHz Input,
20 MHz Clock, 2
× OSR (10 MHz Output Data Rate)
FREQUENCY – MHz
0
1
02
34
56
7
8
9
10
–20
–40
–60
–80
–100
–120
100kHz INPUT
20MHz CLOCK
1
DECIMATION
THD: –98dB
Figure 8. Spectral Plot of the AD9260 at 100 kHz Input,
20 MHz Clock, Undecimated (20 MHz Output Data Rate)
FREQUENCY – MHz
0.4
0.6
1
106
98
90
0.2
0
110
94
102
–46dBFS/TONE
–6.5dBFS/TONE
–26dBFS/TONE
–12dBFS/TONE
0.8
Figure 9. Dual Tone SFDR vs. Input Frequency (F1 = F2,
(F1 – F2, Span = 10% Center Frequency, Mode = 8
×)
FREQUENCY – MHz
0
0
1.2
0.2
0.4
0.6
0.8
1
–20
–40
–60
–80
–100
–120
DUAL-TONE TEST
f1 = 1.0MHz
f2 = 975kHz
20MHz CLOCK
8
DECIMATION
IM3: –94dB
Figure 10. Two-Tone Spectral Performance of the
AD9260 Given Inputs at 975 kHz and 1.0 MHz, 20 MHz
Clock, 8
× Decimation
(AVDD = DVDD = DRVDD = +5.0 V, 4 V Input Span, Differential DC Coupled Input with CML = 2.0 V, fCLOCK = 20 MSPS, Full Bias)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com