Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9288 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9288 Datasheet HTML 5Page - Analog Devices AD9288 Datasheet HTML 6Page - Analog Devices AD9288 Datasheet HTML 7Page - Analog Devices AD9288 Datasheet HTML 8Page - Analog Devices AD9288 Datasheet HTML 9Page - Analog Devices AD9288 Datasheet HTML 10Page - Analog Devices AD9288 Datasheet HTML 11Page - Analog Devices AD9288 Datasheet HTML 12Page - Analog Devices AD9288 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD9288
–9–
CODE
2.0
–0.5
–1.0
–1.5
–2.0
0.5
0.0
1.0
1.5
Figure 16. Integral Nonlinearity
CODE
1.00
0.75
–0.25
–0.50
–0.75
–1.00
0.25
0.00
0.50
Figure 17. Differential Nonlinearity
LOAD – mA
1.3
1.2
1.1
1.0
0
0.9
0.8
0.7
ENCODE = 100MSPS
VD = 3.0V
TA = +25 C
0.25
0.5
0.75
1
1.25
1.5
1.75
Figure 18. Voltage Reference Out vs. Current Load
AIN
AIN
28k
12k
28k
12k
VD
Figure 19. Equivalent Analog Input Circuit
VBIAS
REFIN
VD
Figure 20. Equivalent Reference Input Circuit
VD
ENCODE
Figure 21. Equivalent Encode Input Circuit
VDD
OUT
Figure 22. Equivalent Digital Output Circuit
VD
OUT
Figure 23. Equivalent Reference Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com