Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9300 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9300
Description  4 x 1 Wideband Video Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9300 Datasheet(HTML) 2 Page - Analog Devices

  AD9300 Datasheet HTML 1Page - Analog Devices AD9300 Datasheet HTML 2Page - Analog Devices AD9300 Datasheet HTML 3Page - Analog Devices AD9300 Datasheet HTML 4Page - Analog Devices AD9300 Datasheet HTML 5Page - Analog Devices AD9300 Datasheet HTML 6Page - Analog Devices AD9300 Datasheet HTML 7Page - Analog Devices AD9300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
COMMERCIAL
0 C to +70 C
Test
AD9300KQ/KP
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Input Offset Voltage
+25
°CI
3
10
mV
Input Offset Voltage
Full
VI
14
mV
Input Offset Voltage Drift
2
Full
V
75
µV/°C
Input Bias Current
+25
°C
I
15
37
µA
Input Bias Current
Full
VI
55
µA
Input Resistance
+25
°C
V
3.0
M
Ω
Input Capacitance
+25
°CV
2
pF
Input Noise Voltage (dc to 8 MHz)
+25
°CV
16
µV rms
TRANSFER CHARACTERISTICS
Voltage Gain
3
+25
°C
I
0.990
0.994
V/V
Voltage Gain
3
Full
VI
0.985
V/V
DC Linearity
4
+25
°C
V
0.01
%
Gain Tolerance (VIN = ± 1 V)
dc to 5 MHz
+25
°C
I
0.05
0.1
dB
5 MHz to 8 MHz
+25
°C
I
0.1
0.3
dB
Small-Signal Bandwidth
+25
°C
V
350
MHz
(VIN = 100 mV p-p)
Full Power Bandwidth
5
+25
°C
I
27
34
MHz
(VIN = 2 V p-p)
Output Swing
Full
VI
±2V
Output Current (Sinking @ = +25
°C)
+25
°CV
5
mA
Output Resistance
+25
°C
IV, V
9
15
Ω
DYNAMIC CHARACTERISTICS
Slew Rate
6
+25
°C
I
170
215
V/
µs
Settling Time (to 0.1% on
±2 V Output)
+25
°C
IV
70
100
ns
Overshoot
To T-Step
7
+25
°C
V
<0.1
%
To Pulse
8
+25
°C
V
<10
%
Differential Phase
9
+25
°C
IV
0.03
0.1
°
Differential Gain
9
+25
°C
IV
0.01
0.1
%
Crosstalk Rejection
Three Channels
10
+25
°CIV
68
72
dB
One Channel
11
+25
°CIV
70
76
dB
SWITCHING CHARACTERISTICS
12
AX Input to Channel HIGH Time
13 (t
HIGH)
+25
°C
I
40
50
ns
AX Input to Channel LOW Time
14 (t
LOW)
+25
°C
I
35
45
ns
Enable to Channel ON Time
15 (t
ON)
+25
°C
I
35
45
ns
Enable to Channel OFF Time
16 (t
OFF)
+25
°C
I
35
45
ns
Switching Transient
17
+25
°CV
60
mV
DIGITAL INPUTS
Logic “1” Voltage
Full
VI
2
V
Logic “0” Voltage
Full
VI
0.8
V
Logic “1” Current
Full
VI
5
µA
Logic “0” Current
Full
VI
1
µA
POWER SUPPLY
Positive Supply Current (+12 V)
+25
°C
I
13
16
mA
Positive Supply Current (+12 V)
Full
VI
13
16
mA
Negative Supply Current (–12 V)
+25
°C
I
12.5
15
mA
Negative Supply Current (–12 V)
Full
VI
12.5
16
mA
Power Supply Rejection Ratio
Full
VI
67
75
dB
(
±V
S =
±12 V ± 5%)
Power Dissipation (
±12 V)l8
+25
°C
V
306
mW
REV. A
–2–
AD9300–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS ( V
S =
12 V
5%; CL = 10 pF; RL = 2 k , unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com