Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9500 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9500
Description  Digitally Programmable Delay Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9500 Datasheet(HTML) 2 Page - Analog Devices

  AD9500 Datasheet HTML 1Page - Analog Devices AD9500 Datasheet HTML 2Page - Analog Devices AD9500 Datasheet HTML 3Page - Analog Devices AD9500 Datasheet HTML 4Page - Analog Devices AD9500 Datasheet HTML 5Page - Analog Devices AD9500 Datasheet HTML 6Page - Analog Devices AD9500 Datasheet HTML 7Page - Analog Devices AD9500 Datasheet HTML 8Page - Analog Devices AD9500 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ELECTRICAL CHARACTERISTICS2 (Supply Voltages +V
S = +5.0 V, VS = –5.2 V; CEXT = 0 pF; RSET = 500
unless otherwise noted)
–25 C to +85 C
–55 C to +125 C
Test
AD9500BP/BQ
AD9500TE/TQ
Parameter
Level
Temp
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
Bits
ACCURACY
3
Differential Linearity
I
+25
°C
0.5
0.5
LSB
Integral Linearity
I
+25
°C
1.0
1.0
LSB
Monotonicity
I
+25
°C
Guaranteed
Guaranteed
DIGITAL INPUT
Logic “1” Voltage
VI
Full
2.0
2.0
V
Logic “0” Voltage
VI
Full
0.8
0.8
V
Logic “1” Current
VI
Full
5
5
µA
Logic “0” Current
VI
Full
5
5
µA
Digital Input Capacitance
VI
+25
°C
5.5
5.5
pF
Data Setup Time4
V
+25
°C
0.4
0.75
0.4
0.75
ns
Data Hold Time5
V
+25
°C
0.4
0.75
0.4
0.75
ns
Latch Pulsewidth (tLPW)
V
+25
°C
3.0
3.0
ns
RESET/TRIGGER INPUTS6
TRIGGER Input Voltage Range
IV
Full
–2.5; 4.5
–2.5; 4.5
V
RESET Input Voltage Range
IV
Full
–2.5; 2.0
–2.5; 2.0
V
Differential Switching Voltage
IV
Full
40
300
40
300
mV
Input Bias Current
I
+25
°C
4050
4050
µA
VI
Full
75
75
µA
Input Resistance
IV
+25
°C4
4
k
Ω
Input Capacitance
IV
+25
°C
6.5
7.25
6.5
7.25
pF
Minimum Input Pulsewidth
tTPW, tRPW
V
+25
°C
2.0
2.0
ns
DYNAMIC PERFORMANCE
7
Maximum Trigger Rate
IV
+25
°C
60
60
MHz
Minimum Propagation Delay (tPD)
8
I
+25
°C
5.4
6.4
7.4
5.4
6.4
7.4
ns
Minimum Propagation Delay TC
V
Full
7.5
7.5
ps/
°C
Full-Scale Range TC
9
V
Full
0.5
0.5
ps/
°C
Delay Uncertainty (Jitter)
V
+25
°C10
10
ps
Reset Propagation Delay (tRD)
10
I
+25
°C
5.4
6.4
7.4
5.4
6.4
7.4
ns
Reset-to-Trigger Holdoff (tTHO)
11
IV
+25
°C
0.2
0
0.2
0
ns
Trigger-to-Reset Holdoff (tRHO)
12
IV
+25
°C
2.0
1.5
2.0
1.5
ns
Minimum Output Pulsewidth
V
+25
°C
3.3
3.3
ns
Output Rise Time
7
I
+25
°C
2.0
2.0
ns
Output Fall Time
7
I
+25
°C
2.0
2.0
ns
Delay Coefficient Settling Time (tDAC)
13
V
+25
°C29
29
ns
Linear Ramp Settling Time (tLRS)
V
+25
°C22
22
ns
REV. D
–2–
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage (+VS) . . . . . . . . . . . . . . . . . . . . . +7 V
Negative Supply Voltage (–VS) . . . . . . . . . . . . . . . . . . . . –7 V
ECL COMMON to Ground Differential . . . . –2.0 V to +5.0 V
Digital Input Voltage Range . . . . . . . . . . . . . –3.5 V to +5.0 V
Trigger/Reset Input Voltage Range . . . . . . . . . . . . . . .
±5.0 V
Trigger/Reset Differential Voltage . . . . . . . . . . . . . . . . . .5.0 V
Minimum RSET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
Ω
Digital Output Current (Q and
Q) . . . . . . . . . . . . . . . 30 mA
Digital Output Current ( Q
R )
. . . . . . . . . . . . . . . . . . . . 2 mA
Offset Adjust Current (Sinking) . . . . . . . . . . . . . . . . . . . 4 mA
Operating Temperature Range
AD9500BP/BQ . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
AD9500TE/TQ . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . +300
°C
AD9500–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com