Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9483/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9483/PCB
Description  Triple 8-Bit, 140 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9483/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9483/PCB Datasheet HTML 18Page - Analog Devices AD9483/PCB Datasheet HTML 19Page - Analog Devices AD9483/PCB Datasheet HTML 20Page - Analog Devices AD9483/PCB Datasheet HTML 21Page - Analog Devices AD9483/PCB Datasheet HTML 22Page - Analog Devices AD9483/PCB Datasheet HTML 23Page - Analog Devices AD9483/PCB Datasheet HTML 24Page - Analog Devices AD9483/PCB Datasheet HTML 25Page - Analog Devices AD9483/PCB Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
AD9483
–25–
REV. A
EVALUATION BOARD PARTS LIST
#
QTY
REFDES
DEVICE
PACKAGE
PART NUMBER
VALUE
SUPPLIER
1
54
C1-17, C19-50,
CAPACITOR
0805
C0805C104K5RAC7025
0.1
µF
KEMIT
C57, C60-62, C65
2
8
C18, C51-56, C63
CAPACITOR
TAJD
T491C106K016AS
10
µF
KEMIT
3
16
GND1-10, PR1,
PART OF PCB
OMIT
PR2, PR3, PR4,
PR5, PR6
4
7
J1-4, J8-10
CONNECTOR
SMB
B51-351-000-220
ITT CANNON
5
3
J5-7
CONNECTOR
BNC
227699-2
AMP
6
3
P1-3
CONNECTOR
“D” 25 PINS
745783-2
AMP
7
9
R1-3, R14-18, R24
RESISTOR
1206
CRCW120675R0FT
75
DALE
8
9
R4-6, R11-13,
RESISTOR
1206
CRCW12061001FT
1K
DALE
R19-20, R23
9
4
R7-8, R76-77
RESISTOR
1206
CRCW12063010FT
301
DALE
10
4
R9-10, R74-75
RESISTOR
1206
CRCW120649R9FT
49.9
DALE
11
3
R21-22, R73
RESISTOR
1206
CRCW12062001FT
2K
DALE
12
50
R25-72, R101-102
RESISTOR
1206
CRCW12061000FT
100
DALE
13
2
R78-79
RESISTOR
1206
CRCW1206000ZT
0
DALE
14
6
R80-85
RESISTOR
1206
CRCW12061500FT
150
DALE
15
3
R86, R89-90
RESISTOR
1206
CRCW12063600FT
360
DALE
16
3
R87-88, R91
RESISTOR
1206
CRCW12062740FT
274
DALE
17
3
R92, R95-96
RESISTOR
1206
CRCW12061301FT
1.3K
DALE
18
3
R93-94, R97
RESISTOR
1206
CRCW12061501FT
1.5K
DALE
19
3
R98-100
TRIMMER
VRES
3296W001501
500
BOURNES
20
2
R103-105
RESISTOR
1206
CRCW12062000F
200
DALE
21
4
ST1-4
PART OF PCB
STRIP10
NOT INSTALLED
22
4
ST5-8
PART OF PCB
STRIP5
NOT INSTALLED
23
1
TB1
POWER
CONNECTOR
TB8A
95F6002
WIELAND
(2 PIECE)
50F3583
24
3
TP1-3
PART OF PCB
TSTPT
NOT INSTALLED
25
1
U1
MC74LCX86D
SO14NB
MC74LCX86D
MOTOROLA
26
3
U2-4
AD9760AR
SO28WB
AD9760AR
ADI
27
1
U5
AD9483KS-140/100
MQFP-100
AD9483KS-140/100
ADI
28
6
U6-11
MC74LCX574DW
SO20WB
MC74LCX574DW
MOTOROLA
29
4
U12, U14-16
AD8055AN
SO8NB
AD8055AN
ADI
30
2
U13, U17
DIP20
DIP20
NOT INSTALLED
31
6
W1-3, W8-10
2 PIN JUMPER
JMP-2P
SEE NOTE
32
11
W4-7, W12-18
3 PIN JUMPER
JMP-3P
SEE NOTE
33
1
W11
6 PIN JUMPER
JMP_6
SEE NOTE
34
5
FEET
SJ-5518
3M
NOTES
All resistors are surface mount (size 1206) and have a 1% tolerance.
Jumpers are Samtec parts TSW-110-08-G-D and TSW-110-08-G-S.
Jumpers W1, W2, W3, W9, W8, W10 are omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com