Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3519 Datasheet(PDF) 3 Page - EPCOS

Part # B3519
Description  Low insertion attenuation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3519 Datasheet(HTML) 3 Page - EPCOS

  B3519 Datasheet HTML 1Page - EPCOS B3519 Datasheet HTML 2Page - EPCOS B3519 Datasheet HTML 3Page - EPCOS B3519 Datasheet HTML 4Page - EPCOS B3519 Datasheet HTML 5Page - EPCOS B3519 Datasheet HTML 6Page - EPCOS B3519 Datasheet HTML 7Page - EPCOS B3519 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
September 02, 2011
B3519
1585.5 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1585.5
—
MHz
Maximum insertion attenuation
α
max
1565.0
... 1606.0
MHz
—
1.9
2.4
dB
Amplitude ripple (p-p)
∆α
1565.0
... 1606.0
MHz
—
0.9
1.5
dB
Input VSWR
1565.0
... 1606.0
MHz
—
2.0
2.3
Output VSWR
1565.0
... 1606.0
MHz
—
2.0
2.3
Group delay ripple1) (p-p)
1) Averaged over 500 kHz
1565.0
... 1606.0
MHz
—
10
22
ns
1597.0
... 1606.0
MHz
—3
12
ns
Attenuation
α
100.0
... 1450.0
MHz
36
41
—
dB
1450.0
... 1525.0
MHz
30
42
—
dB
1650.0
... 2100.0
MHz
45
52
—
dB
2100.0
... 2400.0
MHz
44
48
—
dB
2400.0
... 2500.0
MHz
41
45
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com