Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3534 Datasheet(PDF) 4 Page - EPCOS

Part # B3534
Description  Low-loss RF filter for remote control receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3534 Datasheet(HTML) 4 Page - EPCOS

  B3534 Datasheet HTML 1Page - EPCOS B3534 Datasheet HTML 2Page - EPCOS B3534 Datasheet HTML 3Page - EPCOS B3534 Datasheet HTML 4Page - EPCOS B3534 Datasheet HTML 5Page - EPCOS B3534 Datasheet HTML 6Page - EPCOS B3534 Datasheet HTML 7Page - EPCOS B3534 Datasheet HTML 8Page - EPCOS B3534 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
December 20, 2012
B3534
313.15 / 314.00 / 314.925
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Triplexer
Data sheet
Characteristics Channel 2
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
313.15
—
MHz
Minimum insertion attenuation
α
min1
incl. loss in matching elements
—
2.6
3.3
dB
excl. loss in matching elements
—
2.0
2.7
dB
Pass band (relative to
α
min)
313.09 ...
313.21 MHz
—
0.5
1.5
dB
313.05 ...
313.25 MHz
—
1.0
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
260.00 MHz
52
58
—
dB
260.00 ...
280.00 MHz
46
52
—
dB
280.00 ...
302.00 MHz
40
46
—
dB
302.00 ...
309.00 MHz
34
40
—
dB
309.00 ...
312.50 MHz
16
22
—
dB
313.90 ...
320.00 MHz
18
24
—
dB
320.00 ...
340.00 MHz
34
40
—
dB
340.00 ...
400.00 MHz
38
44
—
dB
400.00 ...
550.00 MHz
44
50
—
dB
550.00 ... 1750.00 MHz
52
58
—
dB
1750.00 ... 2500.00 MHz
44
50
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
570 || 3.9
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
640 || 1.4
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com