Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3787 Datasheet(PDF) 3 Page - EPCOS

Part # B3787
Description  Balanced and unbalanced operation possible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3787 Datasheet(HTML) 3 Page - EPCOS

  B3787 Datasheet HTML 1Page - EPCOS B3787 Datasheet HTML 2Page - EPCOS B3787 Datasheet HTML 3Page - EPCOS B3787 Datasheet HTML 4Page - EPCOS B3787 Datasheet HTML 5Page - EPCOS B3787 Datasheet HTML 6Page - EPCOS B3787 Datasheet HTML 7Page - EPCOS B3787 Datasheet HTML 8Page - EPCOS B3787 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
December 17, 2012
B3787
313.85 / 315.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +105 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Pass band 1
Center frequency
fC1
—
313.85
—
MHz
Minimum insertion attenuation
α
min1
incl. loss in matching elements (QL = 42)
—
2.6
3.2
dB
excl. loss in matching elements
—
1.6
2.2
dB
Pass band (relative to
α
min1)
313.50 ...
314.20 MHz
—
1.0
1.5
dB
313.47 ...
314.23 MHz
—
1.6
3.0
dB
Pass band 2
Center frequency
fC2
—
315.00
—
MHz
Minimum insertion attenuation
α
min2
incl. loss in matching elements (QL = 42)
—
2.7
3.3
dB
excl. loss in matching elements
—
1.7
2.3
dB
Pass band (relative to
α
min2)
314.85 ...
315.15 MHz
—
1.0
1.5
dB
314.82 ...
315.18 MHz
—
1.5
3.0
dB
Relative attenuation (relative to
α
min1)
α
rel
10.00 ...
250.00 MHz
50
56
—
dB
250.00 ...
280.00 MHz
44
50
—
dB
280.00 ...
300.00 MHz
38
44
—
dB
300.00 ...
307.00 MHz
32
38
—
dB
307.00 ...
312.00 MHz
20
30
—
dB
312.00 ...
312.60 MHz
17
23
—
dB
314.50 ...
314.60 MHz
—
6
—
dB
315.80 ...
317.00 MHz
15
21
—
dB
317.00 ...
319.00 MHz
28
34
—
dB
319.00 ...
322.00 MHz
16
22
—
dB
322.00 ...
326.00 MHz
28
34
—
dB
326.00 ...
340.00 MHz
35
41
—
dB
340.00 ...
360.00 MHz
42
48
—
dB
360.00 ...
700.00 MHz
48
54
—
dB
700.00 ... 1700.00 MHz
52
60
—
dB
1700.00 ... 2500.00 MHz
34
40
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
600 || 4.0
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
600 || 4.0
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com