Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4303 Datasheet(PDF) 4 Page - EPCOS

Part # B4303
Description  Low-loss RF filter for mobile telephone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4303 Datasheet(HTML) 4 Page - EPCOS

  B4303 Datasheet HTML 1Page - EPCOS B4303 Datasheet HTML 2Page - EPCOS B4303 Datasheet HTML 3Page - EPCOS B4303 Datasheet HTML 4Page - EPCOS B4303 Datasheet HTML 5Page - EPCOS B4303 Datasheet HTML 6Page - EPCOS B4303 Datasheet HTML 7Page - EPCOS B4303 Datasheet HTML 8Page - EPCOS B4303 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
September 29, 2011
B4303
881.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 150 Ω || 82 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
881.5
—
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
—
1.4
1.9
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
—
0.6
1.3
dB
Input VSWR
869.0
...
894.0
MHz
—
1.9
2.4
Output VSWR
869.0
...
894.0
MHz
—
1.8
2.4
CMRR (|S21-S31| / |S21+S31|)
869.0
...
894.0
MHz
201)
1) A CMRR of 19.6 dB corresponds to a phase imbalance of +/-10˚ together with an amplitude imbalance of
+/- 1.0 dB.
29
—
dB
Attenuation
α
0.0
...
434.0
MHz
45
53
—
dB
434.0
...
447.0
MHz
45
54
—
dB
447.0
...
849.0
MHz
28
33
—
dB
914.0
... 1000.0
MHz
20
31
—
dB
1000.0
... 1738.0
MHz
26
31
—
dB
1738.0
... 2500.0
MHz
32
40
—
dB
2500.0
... 2565.0
MHz
26
33
—
dB
2565.0
... 6000.0
MHz
32
40
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com