Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4308 Datasheet(PDF) 3 Page - EPCOS

Part # B4308
Description  Unbalanced to balanced operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4308 Datasheet(HTML) 3 Page - EPCOS

  B4308 Datasheet HTML 1Page - EPCOS B4308 Datasheet HTML 2Page - EPCOS B4308 Datasheet HTML 3Page - EPCOS B4308 Datasheet HTML 4Page - EPCOS B4308 Datasheet HTML 5Page - EPCOS B4308 Datasheet HTML 6Page - EPCOS B4308 Datasheet HTML 7Page - EPCOS B4308 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
September 27, 2011
B4308
1575.42 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
1.3
1.8
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.2
0.6
dB
VSWR
1574.42 ... 1576.42 MHz
—
1.4
2.0
CMRR (|S21-S31| / |S21+S31|)
1574.42 ... 1576.42 MHz
191)
1) A CMRR of 19.6 dB corresponds to a phase imbalance of +/-10˚ together with an amplitude imbalance of
+/- 1.0 dB.
24
—
dB
Attenuation
α
100.0
...
960.0
MHz
52
65
—
dB
960.0
... 1475.0
MHz
48
55
—
dB
1475.0
... 1515.0
MHz
30
36
—
dB
1515.0
... 1529.0
MHz
23
29
—
dB
1625.0
... 1635.0
MHz
25
36
—
dB
1635.0
... 1675.0
MHz
30
37
—
dB
1675.0
... 1850.0
MHz
37
44
—
dB
1850.0
... 1910.0
MHz
40
50
—
dB
1910.0
... 1990.0
MHz
44
51
—
dB
1990.0
... 2400.0
MHz
34
44
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com