Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4313 Datasheet(PDF) 3 Page - EPCOS

Part # B4313
Description  Low insertion attenuation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4313 Datasheet(HTML) 3 Page - EPCOS

  B4313 Datasheet HTML 1Page - EPCOS B4313 Datasheet HTML 2Page - EPCOS B4313 Datasheet HTML 3Page - EPCOS B4313 Datasheet HTML 4Page - EPCOS B4313 Datasheet HTML 5Page - EPCOS B4313 Datasheet HTML 6Page - EPCOS B4313 Datasheet HTML 7Page - EPCOS B4313 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 10, 2012
B4313
1588.655 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1588.655
MHz
Maximum insertion attenuation
α
max
1573.42 ... 1577.42 MHz
1.4
1.9
dB
1597.55 ... 1605.89 MHz
1.6
2.0
dB
1571.42 ... 1605.89 MHz
1.6
2.0
dB
Amplitude ripple (p-p)
∆α
1573.42 ... 1577.42 MHz
0.4
0.9
dB
1597.55 ... 1605.89 MHz
0.5
1.1
dB
1571.42 ... 1605.89 MHz
0.6
1.2
dB
VSWR
1573.42 ... 1577.42 MHz
1.7
2.1
1597.55 ... 1605.89 MHz
1.7
2.1
1571.42 ... 1605.89 MHz
1.8
2.2
Group delay ripple1) (p-p)
1) Averaged over 500 kHz
1573.42 ... 1577.42 MHz
4
9
ns
1597.55 ... 1605.89 MHz
—10
13
ns
1571.42 ... 1605.89 MHz
—10
13
ns
Attenuation
α
500.0
... 1350.0
MHz
45
50
dB
1350.0
... 1450.0
MHz
38
44
dB
1450.0
... 1525.0
MHz
30
35
dB
1650.0
... 1700.0
MHz
30
35
dB
1700.0
... 2150.0
MHz
37
40
dB
2150.0
... 2300.0
MHz
30
35
dB
2300.0
... 2700.0
MHz
40
46
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com