Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD96687 Datasheet(PDF) 1 Page - Analog Devices

Part # AD96687
Description  Ultrafast Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD96687 Datasheet(HTML) 1 Page - Analog Devices

  AD96687 Datasheet HTML 1Page - Analog Devices AD96687 Datasheet HTML 2Page - Analog Devices AD96687 Datasheet HTML 3Page - Analog Devices AD96687 Datasheet HTML 4Page - Analog Devices AD96687 Datasheet HTML 5Page - Analog Devices AD96687 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultrafast Comparators
AD96685/AD96687
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
AD96685 FUNCTIONAL BLOCK DIAGRAM
AD96687 FUNCTIONAL BLOCK DIAGRAM
FEATURES
Fast: 2.5 ns Propagation Delay
Low Power: 118 mW per Comparator
Packages: DIP, TO-100, SOIC, PLCC
Power Supplies: +5 V, –5.2 V
Logic Compatibility: ECL
MIL-STD-883 Versions Available
50 ps Delay Dispersion
APPLICATIONS
High Speed Triggers
High Speed Line Receivers
Threshold Detectors
Window Comparators
Peak Detectors
GENERAL DESCRIPTION
The AD96685 and AD96687 are ultrafast voltage comparators.
The AD96685 is a single comparator with 2.5 ns propagation
delay; the AD96687 is an equally fast dual comparator. Both
devices feature 50 ps propagation delay dispersion which is a
particularly important characteristic of high speed comparators.
It is a measure of the difference in propagation delay under dif-
fering overdrive conditions.
A fast, high precision differential input stage permits consistent
propagation delay with a wide variety of signals in the common-
mode range from –2.5 V to +5 V. Outputs are complementary
digital signals fully compatible with ECL 10 K and 10 KH logic
families. The outputs provide sufficient drive current to directly
drive transmission lines terminated in 50
Ω to –2 V. A level sen-
sitive latch input is included which permits tracking, track-hold,
or sample-hold modes of operation.
The AD96685 and AD96687 are available in both industrial,
–25
°C to +85°C, and military temperature ranges. Industrial
range devices are available in 16-pin DIP, SOIC, and 20-lead
PLCC; additionally, the AD96685 is available in a 10-pin,
TO-100 metal can.


Similar Part No. - AD96687

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96687 AD-AD96687 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
AD96687BP AD-AD96687BP Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
logo
List of Unclassifed Man...
AD96687BPZ ETC-AD96687BPZ Datasheet
72Kb / 11P
MICROCIRCUIT, LINEAR, HIGH-SPEED VOLTAGE COMPARATOR, MONOLITHIC SILICON
logo
Analog Devices
AD96687BQ AD-AD96687BQ Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
AD96687BR AD-AD96687BR Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
More results

Similar Description - AD96687

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9696 AD-AD9696 Datasheet
135Kb / 8P
Ultrafast TTL Comparators
REV.B
ADCMP580 AD-ADCMP580_05 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580 AD-ADCMP580_07 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
AD96685 AD-AD96685_01 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
AD96685 AD-AD96685_15 Datasheet
101Kb / 8P
Ultrafast Comparators
REV. D
AD96687 AD-AD96687_15 Datasheet
101Kb / 8P
Ultrafast Comparators
REV. D
ADCMP580 AD-ADCMP580_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP581 AD-ADCMP581_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP582 AD-ADCMP582_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP580 AD-ADCMP580_16 Datasheet
409Kb / 16P
Ultrafast SiGe Voltage Comparators
4/16-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com