Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9696 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9696
Description  Ultrafast TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9696 Datasheet(HTML) 4 Page - Analog Devices

  AD9696 Datasheet HTML 1Page - Analog Devices AD9696 Datasheet HTML 2Page - Analog Devices AD9696 Datasheet HTML 3Page - Analog Devices AD9696 Datasheet HTML 4Page - Analog Devices AD9696 Datasheet HTML 5Page - Analog Devices AD9696 Datasheet HTML 6Page - Analog Devices AD9696 Datasheet HTML 7Page - Analog Devices AD9696 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD9696/AD9698
–4–
REV. B
PIN CONFIGURATIONS
AD9696KN/KR/KQ/TQ/TZ
Q1OUT (N/C)
Q1OUT (–VS)
GROUND (–IN1)
LATCH ENABLE 1 (+IN1)
N/C (+IN2)
–VS (–IN2)
–IN1 (+VS)
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
+IN1 (N/C)
+IN2 (LATCH ENABLE 2)
–IN2 (GROUND)
N/C (Q2OUT)
LATCH ENABLE 2 (Q1OUT)
Q2OUT (GROUND)
Q2OUT (LATCH ENABLE 1)
AD9698KN/KQ/TQ
[AD9698KR/TZ PINOUTS SHOWN IN ( )]
GROUND (Q1OUT)
+VS (Q2OUT)
LATCH
ENABLE
1
2
3
4
TOP VIEW
(Not to Scale)
5
6
7
8
+VS
+IN
–IN
–VS
GROUND
QOUT
QOUT
Name
Function
Q1OUT
One of two complementary outputs. Q1OUT will be at logic HIGH if voltage at +IN1 is greater than voltage at
–IN1 and LATCH ENABLE 1 is at logic LOW.
Q1OUT
One of two complementary outputs. Q1OUT will be at logic HIGH if voltage at –IN1 is greater than voltage at
+IN1 and LATCH ENABLE 1 is at logic LOW.
GROUND
Analog and digital ground return. All GROUND pins should be connected together and to a low impedance
ground plane near the comparator.
LATCH
Output at Q1OUT will track differential changes at the inputs when LATCH ENABLE 1 is at logic LOW.
ENABLE 1
When LATCH ENABLE 1 is at logic HIGH, the output at Q1OUT will reflect the input state at the application of
the latch command, delayed by the Latch Enable Setup Time (tS). Since the architecture of the input stage (see
block diagram) is faster than the logic of the latch stage, data will typically be latched if applied to the comparator(s)
within 1.7 ns after the latch. This is the Setup Time (tS); for guaranteed performance, tS must be 3 ns.
N/C
No internal connection to comparator.
–VS
Negative power supply connection; nominally –5.2 V.
–IN1
Inverting input of differential input stage for Comparator #1.
+IN1
Noninverting input of differential input stage for Comparator #1.
+IN2
Noninverting input of differential input stage for Comparator #2.
–IN2
Inverting input of differential input stage for Comparator #2.
+VS
Positive power supply connection; nominally +5 V.
LATCH
Output at Q2OUT will track differential changes at the inputs when LATCH ENABLE 2 is at logic LOW.
ENABLE 2
When LATCH ENABLE 2 is at logic HIGH, the output at Q2OUT will reflect the input state at the application of
the latch command, delayed by the Latch Enable Setup Time (tS). Since the architecture of the input stage (see
block diagram) is faster than the logic of the latch stage, data will typically be latched if applied to the comparator(s)
within 1.7 ns after the latch. This is the Setup Time (tS); for guaranteed performance, tS must be 3 ns.
Q2OUT
One of two complementary outputs. Q2OUT will be at logic HIGH if voltage at –IN2 is greater than voltage at
+IN2 and LATCH ENABLE 2 is at logic LOW.
Q2OUT
One of two complementary outputs. Q2OUT will be at logic HIGH if voltage at +IN2 is greater than voltage at
–IN2 and LATCH ENABLE 2 is at logic LOW.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9696/AD9698 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com