Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9709AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD9709AST
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9709AST Datasheet HTML 6Page - Analog Devices AD9709AST Datasheet HTML 7Page - Analog Devices AD9709AST Datasheet HTML 8Page - Analog Devices AD9709AST Datasheet HTML 9Page - Analog Devices AD9709AST Datasheet HTML 10Page - Analog Devices AD9709AST Datasheet HTML 11Page - Analog Devices AD9709AST Datasheet HTML 12Page - Analog Devices AD9709AST Datasheet HTML 13Page - Analog Devices AD9709AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
REV. 0
AD9709
–10–
REFERENCE CONTROL AMPLIFIER
Both of the DACs in the AD9709 contain a control amplifier
that is used to regulate the full-scale output current, IOUTFS. The
control amplifier is configured as a V-I converter as shown in
Figure 21, so that its current output, IREF, is determined by the
ratio of the VREFIO and an external resistor, RSET, as stated in
Equation 4. IREF is copied to the segmented current sources with
the proper scale factor to set IOUTFS as stated in Equation 3.
+1.2V
REF
AVDD
GAINCTRL
CURRENT
SOURCE
ARRAY
REFIO
FSADJ
2k
0.1 F
ADDITIONAL
EXTERNAL
LOAD
OPTIONAL
EXTERNAL
REFERENCE
BUFFER
AD9709
REFERENCE
SECTION
IREF
ACOM
Figure 21. Internal Reference Configuration
+1.2V
REF
AVDD
GAINCTRL
CURRENT
SOURCE
ARRAY
REFIO
FSADJ
2k
AD9709
REFERENCE
SECTION
IREF
ACOM
AVDD
EXTERNAL
REFERENCE
Figure 22. External Reference Configuration
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS from 2 mA to 20 mA by setting IREF between 62.5
µA
and 625
µA. The wide adjustment range of IOUTFS provides
several benefits. The first relates directly to the power dissipa-
tion of the AD9709, which is proportional to IOUTFS (refer to the
Power Dissipation section). The second relates to the 20 dB
adjustment, which is useful for system gain control purposes.
The small signal bandwidth of the reference control amplifier
is approximately 500 kHz and can be used for low frequency,
small signal multiplying applications.
DAC TRANSFER FUNCTION
Both DACs in the AD9709 provide complementary current out-
puts, IOUTA and IOUTB. IOUTA will provide a near full-scale current
output, IOUTFS, when all bits are high (i.e., DAC CODE = 1023)
while IOUTB, the complementary output, provides no current. The
current output appearing at IOUTA and IOUTB is a function of both
the input code and IOUTFS and can be expressed as:
IOUTA = (DAC CODE/256)
× I
OUTFS
(1)
IOUTB = (255 – DAC CODE)/256
× I
OUTFS
(2)
where DAC CODE = 0 to 255 (i.e., Decimal Representation).
As mentioned previously, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage, VREFIO
and external resistor RSET. It can be expressed as:
IOUTFS = 32
× IREF
(3)
where
IREF = VREFIO /RSET
(4)
The two current outputs will typically drive a resistive load
directly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, that are tied to analog common, ACOM. Note,
RLOAD may represent the equivalent load resistance seen by
IOUTA or IOUTB as would be the case in a doubly terminated 50
Ω
or 75
Ω cable. The single-ended voltage output appearing at the
IOUTA and IOUTB nodes is simply :
VOUTA = IOUTA
× RLOAD
(5)
VOUTB = IOUTB
× RLOAD
(6)
Note the full-scale value of VOUTA and VOUTB should not exceed
the specified output compliance range to maintain specified
distortion and linearity performance.
VDIFF = (IOUTA – IOUTB)
× R
LOAD
(7)
Substituting the values of IOUTA, IOUTB and IREF; VDIFF can be
expressed as:
VDIFF = {(2
× DAC CODE – 255)/256} ×
(32
× RLOAD/RSET) × VREFIO
(8)
These last two equations highlight some of the advantages of
operating the AD9709 differentially. First, the differential
operation will help cancel common-mode error sources associ-
ated with IOUTA and IOUTB such as noise, distortion and dc
offsets. Second, the differential code dependent current and
subsequent voltage, VDIFF, is twice the value of the single-ended
voltage output (i.e., VOUTA or VOUTB), thus providing twice the
signal power to the load.
Note, the gain drift temperature performance for a single-ended
(VOUTA and VOUTB) or differential output (VDIFF) of the AD9709
can be enhanced by selecting temperature tracking resistors for
RLOAD and RSET due to their ratiometric relationship as shown
in Equation 8.
ANALOG OUTPUTS
The complementary current outputs in each DAC, IOUTA and
IOUTB, may be configured for single-ended or differential opera-
tion. IOUTA and IOUTB can be converted into complementary
single-ended voltage outputs, VOUTA and VOUTB, via a load
resistor, RLOAD, as described in the DAC Transfer Function
section by Equations 5 through 8. The differential voltage, VDIFF,
existing between VOUTA and VOUTB can also be converted to a
single-ended voltage via a transformer or differential amplifier
configuration. The ac performance of the AD9709 is optimum
and specified using a differential transformer coupled output in
which the voltage swing at IOUTA and IOUTB is limited to
±0.5 V.
If a single-ended unipolar output is desirable, IOUTA should be
selected.
The distortion and noise performance of the AD9709 can be
enhanced when it is configured for differential operation. The
common-mode error sources of both IOUTA and IOUTB can be
significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode error
sources include even-order distortion products and noise. The
enhancement in distortion performance becomes more signifi-
cant as the frequency content of the reconstructed waveform
increases. This is due to the first order cancellation of various
dynamic common-mode distortion mechanisms, digital feed-
through and noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com