Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9712B Datasheet(PDF) 2 Page - Analog Devices

Part # AD9712B
Description  12-Bit, 100 MSPS D/A Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9712B Datasheet(HTML) 2 Page - Analog Devices

  AD9712B Datasheet HTML 1Page - Analog Devices AD9712B Datasheet HTML 2Page - Analog Devices AD9712B Datasheet HTML 3Page - Analog Devices AD9712B Datasheet HTML 4Page - Analog Devices AD9712B Datasheet HTML 5Page - Analog Devices AD9712B Datasheet HTML 6Page - Analog Devices AD9712B Datasheet HTML 7Page - Analog Devices AD9712B Datasheet HTML 8Page - Analog Devices AD9712B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD9712B/AD9713B–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AD9712B/AD9713B
AD9712B/AD9713B
AD9712B/AD9713B AD9712B/AD9713B
Test
AN/AP
BN/BP
SE/SQ
TE/TQ
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ Max
Min
Typ
Max
Units
RESOLUTION
12
12
12
12
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
–1.25
1.0
+1.25
–0.75
0.5
+0.75 –1.5
1.0
+1.5
–1.0
0.5
+1.0
LSB
Full
VI
–2.0
2.0
–1.5
1.5
–2.0
2.0
–1.5
1.5
LSB
Integral Nonlinearity
+25
°C
I
–1.5
1.0
1.5
–1.0
0.75
1.0
–1.75 1.5
1.75
–1.25 1.0
1.25
LSB
(“Best Fit” Straight Line)
Full
VI
–2.0
2.0
–1.75
1.75
–2.0
2.0
–1.75
1.75
LSB
AD9712B
AD9713B
Test
All Grades
All Grades
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
INITIAL OFFSET ERROR
Zero-Scale Offset Error
+25
°C
I
0.5
2.5
0.5
2.5
µA
Full
VI
5.0
5.0
µA
Full-Scale Gain Error
1
+25
°C
I
1.0
5
1.0
5
%
Full
VI
8
8
%
Offset Drift Coefficient
+25
°C
V
0.01
0.01
µA/°C
REFERENCE/CONTROL AMP
Internal Reference Voltage
+25
°C
I
–1.14
–1.18
–1.22
–1.14
–1.18
–1.22
V
Full
VI
–1.12
–1.24
–1.12
–1.24
V
Internal Reference Voltage Drift
Full
V
50
50
ppm/
°C
Internal Reference Output Current
Full
IV
–50
+500
–50
+500
µA
Amplifier Input Impedance
+25
°C
V
50
50
k
Ω
Amplifier Bandwidth
+25
°C
V
300
300
kHz
REFERENCE INPUT
2
Reference Input Impedance
+25
°CV
3
3
k
Ω
Reference Multiplying Bandwidth
3
+25
°C
V
40
40
MHz
DYNAMIC PERFORMANCE
Full-Scale Output Current4
+25
°C
V
20.48
20.48
mA
Output Compliance Range
+25
°C
IV
–1.2
+2
–1.2
+2
V
Output Resistance
+25
°C
IV
2.0
2.5
3.0
2.0
2.5
3.0
k
Ω
Output Capacitance
+25
°C
V
15
15
pF
Output Update Rate
5
+25
°C
IV
100
110
80
100
MSPS
Output Settling Time (tST)
6
+25
°C
V
27
27
ns
Output Propagation Delay (tPD)
7
+25
°CV
6
7
ns
Glitch Impulse
8
+25
°C
V
28
28
pV-s
Output Rise Time
9
+25
°CV
2
2
ns
Output Fall Time9
+25
°CV
2
2
ns
DIGITAL INPUTS
Logic “1” Voltage
Full
VI
–1.0
–0.8
2.0
V
Logic “0” Voltage
Full
VI
–1.7
–1.5
0.8
V
Logic “1” Current
Full
VI
20
20
µA
Logic “0” Current
Full
VI
10
600
µA
Input Capacitance
+25
°CV
3
3
pF
Input Setup Time (tS)
10
+25
°C
IV
0.5
–0.3
0.5
–0.3
ns
Full
IV
0.8
0.8
ns
Input Hold Time (tH)
11
+25
°C
IV
1.8
1.2
1.8
1.2
ns
Full
IV
2.0
2.0
ns
Latch Pulse Width (tLPW) (LOW)
+25
°C
IV
2.5
1.7
2.5
1.7
ns
(Transparent)
Full
2.8
2.8
ns
AC LINEARITY
12
Spurious-Free Dynamic Range (SFDR)
1.23 MHz; 10 MSPS; 2 MHz Span
+25
°C
V
70
70
dB
5.055 MHz; 20 MSPS; 2 MHz Span
+25
°C
V
72
72
dB
10.1 MHz; 50 MSPS; 2 MHz Span
+25
°C
V
68
68
dB
16 MHz; 40 MSPS; 10 MHz Span
+25
°C
V
68
68
dB
REV. B
–2–
[–VS = –5.2 V; +VS = +5 V (AD9713B only); Reference Voltage = –1.2 V;
RSET = 7.5 k ; VOUT = 0 V (virtual ground); unless otherwise noted]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com