Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673P Datasheet(PDF) 4 Page - EPCOS

Part # B32673P
Description  Metallized Polypropylene Film Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32673P Datasheet(HTML) 4 Page - EPCOS

  B32673P Datasheet HTML 1Page - EPCOS B32673P Datasheet HTML 2Page - EPCOS B32673P Datasheet HTML 3Page - EPCOS B32673P Datasheet HTML 4Page - EPCOS B32673P Datasheet HTML 5Page - EPCOS B32673P Datasheet HTML 6Page - EPCOS B32673P Datasheet HTML 7Page - EPCOS B32673P Datasheet HTML 8Page - EPCOS B32673P Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
µF
Ordering code
(composition see
below)
Max. dimensions
w
× h × l
mm
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series, intermediate capacitance values and closer tolerance on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
J =
±5%
K =
±10%
M =
±20%
289 = Straight terminal, Ammo pack
189 = Straight terminal, Reel
240 = Crimped from LS10 to LS7.5, Ammo pack
140 = Crimped from LS10 to LS7.5, Reel
000 = Untaped (lead length 6
1 mm)
450
160
0.10
B32671P4104+***
4.0
× 9.0 × 13.0 4000
6800
4000
0.15
B32671P4154+***
4.0
× 9.0 × 13.0 4000
6800
4000
0.18
B32671P4184+***
5.0
× 11.0 × 13.0 3320
5200
4000
0.22
B32671P4224+***
5.0
× 11.0 × 13.0 3320
5200
4000
0.27
B32671P4274+***
5.0
× 11.0 × 13.0 3320
5200
4000
0.33
B32671P4334+***
6.0
× 12.0 × 13.0 2720
4400
4000
0.39
B32671P4394+***
6.0
× 12.0 × 13.0 2720
4400
4000
0.47
B32671P4474+***
6.0
× 14.0 × 13.0 2720
4400
4000
0.68
B32671P4684+***
7.0
× 16.0 × 13.0
4000
1.0
B32671P4105+***
8.0
× 17.5 × 13.0
4000
520
200
0.082 B32671P5823+***
4.0
× 9.0 × 13.0 4000
6800
4000
0.10
B32671P5104+***
5.0
× 11.0 × 13.0 3320
5200
4000
0.15
B32671P5154+***
5.0
× 11.0 × 13.0 3320
5200
4000
0.22
B32671P5224+***
6.0
× 12.0 × 13.0 2720
4400
4000
0.33
B32671P5334+***
7.0
× 16.0 × 13.0
4000
0.47
B32671P5474+***
8.0
× 17.5 × 13.0
4000
630
200
0.068 B32671P6683+***
4.0
× 9.0 × 13.0 4000
6800
4000
0.082 B32671P6823+***
5.0
× 11.0 × 13.0 3320
5200
4000
0.10
B32671P6104+***
5.0
× 11.0 × 13.0 3320
5200
4000
0.15
B32671P6154+***
6.0
× 12.0 × 13.0 2720
4400
4000
0.18
B32671P6184+***
6.0
× 12.0 × 13.0 2720
4400
4000
0.22
B32671P6224+***
6.0
× 14.0 × 13.0 2720
4400
4000
0.33
B32671P6334+***
8.0
× 17.5 × 13.0
4000
0.39
B32671P6394+***
8.0
× 17.5 × 13.0
4000
B32671P
Power Factor Correction
Page 4 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com