Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9740 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9740
Description  10-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9740 Datasheet HTML 7Page - Analog Devices AD9740 Datasheet HTML 8Page - Analog Devices AD9740 Datasheet HTML 9Page - Analog Devices AD9740 Datasheet HTML 10Page - Analog Devices AD9740 Datasheet HTML 11Page - Analog Devices AD9740 Datasheet HTML 12Page - Analog Devices AD9740 Datasheet HTML 13Page - Analog Devices AD9740 Datasheet HTML 14Page - Analog Devices AD9740 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD9740
–11–
IOUTA and IOUTB also have a negative and positive voltage
compliance range that must be adhered to in order to achieve
optimum performance. The negative output compliance range of
–1.0 V is set by the breakdown limits of the CMOS process.
Operation beyond this maximum limit may result in a breakdown
of the output stage and affect the reliability of the AD9740.
The positive output compliance range is slightly dependent on the
full-scale output current, IOUTFS. It degrades slightly from its
nominal 1.2 V for an IOUTFS = 20 mA to 1.0 V for an IOUTFS = 2 mA.
The optimum distortion performance for a single-ended or differ-
ential output is achieved when the maximum full-scale signal at
IOUTA and IOUTB does not exceed 0.5 V.
DIGITAL INPUTS
The AD9740’s digital section consists of 10 input bit channels
and a clock input. The 10-bit parallel data inputs follow stan-
dard positive binary coding where DB13 is the most significant
bit (MSB) and DB0 is the least significant bit (LSB). IOUTA
produces a full-scale output current when all data bits are at
Logic 1. IOUTB produces a complementary output with the
full-scale current split between the two outputs as a function of
the input code.
DVDD
DIGITAL
INPUT
Figure 6. Equivalent Digital Input
The digital interface is implemented using an edge-triggered
master/slave latch. The DAC output updates on the rising edge
of the clock and is designed to support a clock rate as high as
165 MSPS. The clock can be operated at any duty cycle that meets
the specified latch pulsewidth. The setup and hold times can also
be varied within the clock cycle as long as the specified minimum
times are met, although the location of these transition edges
may affect digital feedthrough and distortion performance. Best
performance is typically achieved when the input data transitions
on the falling edge of a 50% duty cycle clock.
DAC TIMING
Input Clock and Data Timing Relationship
Dynamic performance in a DAC is dependent on the relation-
ship between the position of the clock edges and the point in
time at which the input data changes. The AD9740 is rising
edge triggered, and so exhibits dynamic performance sensitivity
when the data transition is close to this edge. In general, the
goal when applying the AD9740 is to make the data transition
close to the falling clock edge. This becomes more important as
the sample rate increases. Figure 7 shows the relationship of SFDR
to clock placement with different sample rates. Note that at the
lower sample rates, more tolerance is allowed in clock place-
ment, while at higher rates, more care must be taken.
–3
–2
2
–1
0
1
70
80
TIME (ns) OF DATA CHANGE RELATIVE
TO RISING CLOCK EDGE
3
60
50
40
65
75
55
45
f
OUT = 50MHz
f
OUT = 20MHz
Figure 7. SFDR vs. Clock Placement @ fOUT = 20 MHz and
50 MHz
Sleep Mode Operation
The AD9740 has a power-down function that turns off the output
current and reduces the supply current to less than 4 mA over the
specified supply range of 3.0 V to 3.6 V and temperature range.
This mode can be activated by applying a logic level 1 to the SLEEP
pin. The SLEEP pin logic threshold is equal to 0.5
× AVDD. This
digital input also contains an active pull-down circuit that ensures
the AD9740 remains enabled if this input is left disconnected.
The AD9740 takes less than 50 ns to power down and approximately
5
µs to power back up.
POWER DISSIPATION
The power dissipation, PD, of the AD9740 is dependent on
several factors that include:
• The power supply voltages (AVDD and DVDD)
• The full-scale current output I
OUTFS
• The update rate f
CLOCK
• The reconstructed digital input waveform
The power dissipation is directly proportional to the analog
supply current, IAVDD, and the digital supply current, IDVDD.
IAVDD is directly proportional to IOUTFS as shown in Figure 8
and is insensitive to fCLOCK. Conversely, IDVDD is dependent on
both the digital input waveform, fCLOCK, and digital supply
DVDD. Figure 9 shows IDVDD as a function of full-scale sine
wave output ratios (fOUT/fCLOCK) for various update rates with
DVDD = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com