Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9742 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9742
Description  12-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 4 Page - Analog Devices

  AD9742 Datasheet HTML 1Page - Analog Devices AD9742 Datasheet HTML 2Page - Analog Devices AD9742 Datasheet HTML 3Page - Analog Devices AD9742 Datasheet HTML 4Page - Analog Devices AD9742 Datasheet HTML 5Page - Analog Devices AD9742 Datasheet HTML 6Page - Analog Devices AD9742 Datasheet HTML 7Page - Analog Devices AD9742 Datasheet HTML 8Page - Analog Devices AD9742 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
AD9742
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic “1” Voltage
2.1
3
V
Logic “0” Voltage
0
0.9
V
Logic “1” Current
–10
+10
mA
Logic “0” Current
–10
+10
mA
Input Capacitance
5
pF
Input Setup Time (tS)
2.0
ns
Input Hold Time (tH)
1.5
ns
Latch Pulsewidth (tLPW)
1.5
ns
(TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9742 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
*
AD9742AR
–40
∞C to +85∞C 28-Lead 300 Mil SOIC R-28
AD9742ARU –40
∞C to +85∞C 28-Lead TSSOP
RU-28
AD9742-EB
Evaluation Board
*R = Small Outline IC; RU = Thin Shrink Small Outline Package
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 300-Mil SOIC
JA= 71.4
∞C/W
28-Lead TSSOP
JA= 97.9
∞C/W
ABSOLUTE MAXIMUM RATINGS
*
With
Parameter
Respect to
Min
Max
Unit
AVDD
ACOM
–0.3
+3.9
V
DVDD
DCOM
–0.3
+3.9
V
ACOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–3.9
+3.9
V
CLOCK, SLEEP
DCOM
–0.3
DVDD + 0.3 V
Digital Inputs
DCOM
–0.3
DVDD + 0.3 V
IOUTA, IOUTB
ACOM
–1.0
AVDD + 0.3
V
REFIO, REFLO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
Junction Temperature
150
∞C
Storage Temperature
–65
+150
∞C
Lead Temperature (10 sec)
300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
0.1%
0.1%
tS
tH
tLPW
t
PD
t
ST
DB0–DB11
CLOCK
IOUTA
OR
IOUTB
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com