Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD974AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD974AR
Description  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD974AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD974AR Datasheet HTML 9Page - Analog Devices AD974AR Datasheet HTML 10Page - Analog Devices AD974AR Datasheet HTML 11Page - Analog Devices AD974AR Datasheet HTML 12Page - Analog Devices AD974AR Datasheet HTML 13Page - Analog Devices AD974AR Datasheet HTML 14Page - Analog Devices AD974AR Datasheet HTML 15Page - Analog Devices AD974AR Datasheet HTML 16Page - Analog Devices AD974AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. A
AD974
–13–
Table I. Analog Input Configuration
Input Voltage
Connect
Connect
Input
Range
VxA to
VxB to
Impedance
±10 V
BIP
VIN
13.7 k
Ω
0 V to +5 V
VIN
GND
6.0 k
Ω
0 V to +4 V
VIN
VIN
6.4 k
Ω
Table II. Output Codes and Ideal Input Voltage
Digital Input
Description
Analog Input
Straight Binary
Full-Scale Range
±10 V
0 V to +5 V
0 V to +4 V
Least Significant Bit
305
µV
76
µV
61
µV
+Full Scale (FS – 1 LSB)
+9.999695 V
+4.999847 V
+3.999939 V
1111 1111 1111 1111
Midscale
0 V
+2.5 V
+2 V
1000 0000 0000 0000
One LSB Below Midscale
–305
µV
+2.499924 V
+1.999939 V
0111 1111 1111 1111
–Full Scale
–10 V
0 V
0 V
0000 0000 0000 0000
ANALOG INPUTS
The AD974 is specified to operate with three full-scale analog
input ranges. Connections required for each of the eight analog
inputs, VxA and VxB and the resulting full-scale ranges, are
shown in Table I. The nominal input impedance for each ana-
log input range is also shown. Table II shows the output codes
for the ideal input voltages of each of the analog input ranges.
The analog input section has a
±25 V overvoltage protection on
VxA and VxB. Since the AD974 has two analog grounds it is
important to ensure that the analog input is referenced to the
AGND1 pin, the low current ground. This will minimize any
problems associated with a resistive ground drop. It is also
important to ensure that the analog inputs are driven by a low
impedance source. With its primarily resistive analog input
circuitry, the ADC can be driven by a wide selection of general
purpose amplifiers.
To achieve the low distortion capability of the AD974 care
should be taken in the selection of the drive circuitry
op amp.
Figure 10 shows the simplified analog input section for the
AD974. Since the AD974 can operate with an internal or exter-
nal reference, and three different analog input ranges, the full-
scale analog input range is best represented with a voltage that
spans 0 V to VREF across the 40 pF sampling capacitor. The on-
chip resistors are laser trimmed to ratio match for adjustment of
offset and full-scale error using fixed external resistors.
BIP
AGND1
REF
CAP
VxA
VxB
AGND2
3k
12k
4k
SWITCHED
CAP ADC
2.5V
REFERENCE
4k
40pF
AD974
Figure 10. Simplified Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com