Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9740-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9740-EB
Description  10-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9740-EB Datasheet HTML 10Page - Analog Devices AD9740-EB Datasheet HTML 11Page - Analog Devices AD9740-EB Datasheet HTML 12Page - Analog Devices AD9740-EB Datasheet HTML 13Page - Analog Devices AD9740-EB Datasheet HTML 14Page - Analog Devices AD9740-EB Datasheet HTML 15Page - Analog Devices AD9740-EB Datasheet HTML 16Page - Analog Devices AD9740-EB Datasheet HTML 17Page - Analog Devices AD9740-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
AD9740
–14–
full-scale current is directed toward that output. As a result, the
PSRR measurement in Figure 15 represents a worst-case condition
in which the digital inputs remain static and the full-scale output
current of 20 mA is directed to the DAC output being measured.
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and, for simplicity
sake (i.e., ignore harmonics), all of this noise is concentrated at
250 kHz. To calculate how much of this undesired noise will
appear as current noise superimposed on the DAC’s full-scale
current, IOUTFS, one must determine the PSRR in dB using
Figure 15 at 250 kHz. To calculate the PSRR for a given RLOAD,
such that the units of PSRR are converted from A/V to V/V,
adjust the curve in Figure 15 by the scaling factor 20
× log(RLOAD).
For instance, if RLOAD is 50
Ω, the PSRR is reduced by 34 dB (i.e.,
PSRR of the DAC at 250 kHz which is 85 dB in Figure 15 becomes
51 dB VOUT/VIN).
Proper grounding and decoupling should be a primary objective
in any high-speed, high resolution system. The AD9740 features
separate analog and digital supply and ground pins to optimize
the management of analog and digital ground currents in a system.
In general, AVDD, the analog supply, should be decoupled to
ACOM, the analog common, as close to the chip as physically
possible. Similarly, DVDD, the digital supply, should be decoupled
to DCOM as close to the chip as physically possible.
For those applications that require a single 3.3 V supply for both
the analog and digital supplies, a clean analog supply may be
generated using the circuit shown in Figure 16. The circuit
consists of a differential LC filter with separate power supply
and return lines. Lower noise can be attained by using low ESR
type electrolytic and tantalum capacitors.
100 F
ELECT.
0.1 F
CER.
TTL/CMOS
LOGIC
CIRCUITS
3.3V
POWER SUPPLY
FERRITE
BEADS
AVDD
ACOM
10 F–22 F
TANT.
Figure 16. Differential LC Filter for Single 3.3 V Applications
EVALUATION BOARD
General Description
The TxDAC family evaluation board allows for easy set up and
testing of any TxDAC product in the 28-lead SOIC package.
Careful attention to layout and circuit design combined with a
prototyping area allow the user to evaluate the AD9740 easily
and effectively in any application where high resolution, high-speed
conversion is required.
This board allows the user the flexibility to operate the AD9740
in various configurations. Possible output configurations include
transformer coupled, resistor terminated, and single and differ-
ential outputs. The digital inputs are designed to be driven from
various word generators, with the on-board option to add a
resistor network for proper load termination. Provisions are also
made to operate the AD9740 with either the internal or external
reference or to exercise the power-down feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com