Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9750-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9750-EB
Description  10-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9750-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9750-EB Datasheet HTML 3Page - Analog Devices AD9750-EB Datasheet HTML 4Page - Analog Devices AD9750-EB Datasheet HTML 5Page - Analog Devices AD9750-EB Datasheet HTML 6Page - Analog Devices AD9750-EB Datasheet HTML 7Page - Analog Devices AD9750-EB Datasheet HTML 8Page - Analog Devices AD9750-EB Datasheet HTML 9Page - Analog Devices AD9750-EB Datasheet HTML 10Page - Analog Devices AD9750-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AD9750
–7–
REV. 0
Typical AC Characterization Curves @ +5 V Supplies
(AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = +25 C, SFDR up to Nyquist, unless otherwise noted)
fOUT – MHz
90
80
40
1
10
70
60
50
25MSPS
100MSPS
65MSPS
125MSPS
Figure 3. SFDR vs. fOUT @ 0 dBFS
fOUT – MHz
90
80
40
0
10
20
30
40
50
70
60
50
–12dBFS
–6dBFS
0dBFS
Figure 6. SFDR vs. fOUT @ 100 MSPS
AOUT – dBFS
90
80
–25
–20
–15
–10
–5
0
70
60
50
455kHz/5MSPS
5.91/65MSPS
2.27MHz/25MHz
11.37MHz/125MSPS
Figure 9. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
fOUT – MHz
90
80
40
0
212
46
8
10
70
60
50
–6dBFS
–12dBFS
0dBFS
Figure 4. SFDR vs. fOUT @ 25 MSPS
fOUT – MHz
90
80
40
0
10
60
20
30
40
50
70
60
50
–12dBFS
–6dBFS
0dBFS
Figure 7. SFDR vs. fOUT @125 MSPS
AOUT – dBc
90
80
–25
–20
–15
–10
–5
0
70
60
50
1MHz/5MHz
13MHz/65MHz
25MHz/125MHz
5MHz/25MHz
Figure 10. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
fOUT – MHz
90
80
40
0
530
10
15
20
25
70
60
50
–12dBFS
–6dBFS
0dBFS
Figure 5. SFDR vs. fOUT @ 65 MSPS
fOUT – MHz
90
80
40
0
2
46
8
10
70
60
50
20mAFS
10mAFS
5mAFS
12
Figure 8. SFDR vs. fOUT and IOUTFS @
25 MSPS and 0 dBFS
fCLOCK – MSPS
70
66
50
0
10
60
20
30
40
50
62
58
54
IOUTFS = 20mA
IOUTFS = 5mA
IOUTFS = 10mA
Figure 11. SNR vs. fCLOCK and IOUTFS
@ fOUT = 2 MHz and 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com