Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9763AST Datasheet(PDF) 19 Page - Analog Devices

Part # AD9763AST
Description  10-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9763AST Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9763AST Datasheet HTML 15Page - Analog Devices AD9763AST Datasheet HTML 16Page - Analog Devices AD9763AST Datasheet HTML 17Page - Analog Devices AD9763AST Datasheet HTML 18Page - Analog Devices AD9763AST Datasheet HTML 19Page - Analog Devices AD9763AST Datasheet HTML 20Page - Analog Devices AD9763AST Datasheet HTML 21Page - Analog Devices AD9763AST Datasheet HTML 22Page - Analog Devices AD9763AST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
REV. B
AD9763
–19–
14
12
11
9
7
10
13
DGND;8
DVDD;16
TSSOP112
J
CLK
Q
Q
PRE
CLR
U2
K
WHT
TP29
WHT
TP30
WHT
TP31
WHT
TP32
DGND;3,4,5
DGND;3,4,5
DGND;3,4,5
DGND;3,4,5
S1
S2
S3
S4
WRT1IN
IQWRT
CLK1IN
IQCLK
CLK2IN
RESET
WRT2IN
IQSEL
1
2
R1
50
1
2
R2
50
1
2
R3
50
1
2
R4
50
1
2
3
JP5
JP16
1
2
3
A
B
JP4
1
2
3
A
B
JP3
2
3
5
6
4
1
DGND;8
DVDD;16
TSSOP112
1
2
3
A
B
JP7
JP2
JP1
DVDD
1
2
3
A
B
JP6
DVDD
/2 CLOCK DIVIDER
WRT1
CLK1
CLK2
WRT2
WHT
TP33
SLEEP
1
2
R13
50
SLEEP
J
CLK
Q
Q
PRE
CLR
U1
K
DVDD
15
IC
IC
AB
IC
1
2
3
A
B
JP9
DCLKIN1
DCLKIN2
RED
TP10
B1
BAN-JACK
DVDDIN
L1
BEAD
1
2
C9
10 F
25V
BLK
TP37
BLK
TP38
TP43
BLK
BLK
TP39
DGND
DVDD
B2
BAN-JACK
RED
TP11
B3
BAN-JACK
AVDDIN
L2
BEAD
1
2
C10
10 F
25V
BLK
TP40
BLK
TP41
TP44
BLK
BLK
TP42
AGND
AVDD
B4
BAN-JACK
1
2
C7
0.1 F
1
2
C8
0.01 F
DVDD
POWER DECOUPLING AND INPUT CLOCKS
R1
22
INP1
2
1
RCOM
R2
22
INP2
3
R3
22
INP3
4
R4
22
INP4
5
R5
22
INP5
6
R6
22
INP6
7
R7
22
INP7
8
R8
22
INP8
9
R9
22
10
RP16
R1
22
INP9
2
1
RCOM
R2
22
INP10
3
R3
22
INP11
4
R4
22
INP12
5
R5
22
INP13
6
R6
22
INP14
7
R7
22
8
R8
22
INCK1
9
R9
22
10
RP9
R1
22
INP23
2
1
RCOM
R2
22
INP24
3
R3
22
INP25
4
R4
22
INP26
5
R5
22
INP27
6
R6
22
INP28
7
R7
22
INP29
8
R8
22
INP30
9
R9
22
10
RP10
R1
22
INP31
2
1
RCOM
R2
22
INP32
3
R3
22
INP33
4
R4
22
INP34
5
R5
22
INP35
6
R6
22
INP36
7
R7
22
8
R8
22
INCK2
9
R9
22
10
RP15
Figure 44. Power Decoupling and Clocks on AD9763 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com