Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9772EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 5 Page - Analog Devices

  AD9772EB Datasheet HTML 1Page - Analog Devices AD9772EB Datasheet HTML 2Page - Analog Devices AD9772EB Datasheet HTML 3Page - Analog Devices AD9772EB Datasheet HTML 4Page - Analog Devices AD9772EB Datasheet HTML 5Page - Analog Devices AD9772EB Datasheet HTML 6Page - Analog Devices AD9772EB Datasheet HTML 7Page - Analog Devices AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
REV. 0
–5–
AD9772
DIGITAL FILTER SPECIFICATIONS (T
MIN to TMAX, AVDD = +3 V, CLKVDD = +3 V, PLLVDD = 0 V, DVDD = +3 V,
IOUTFS = 20 mA, Differential Transformer Coupled Output, 50
Doubly Terminated, unless otherwise noted)
Parameter
Min
Typ
Max
Units
MAXIMUM INPUT DATA RATE (fDATA)
150
MSPS
DIGITAL FILTER CHARACTERISTICS
Passband Width1: 0.005 dB
0.401
fOUT/fDATA
Passband Width: 0.01 dB
0.404
fOUT/fDATA
Passband Width: 0.1 dB
0.422
fOUT/fDATA
Passband Width: –3 dB
0.479
fOUT/fDATA
LINEAR PHASE (FIR IMPLEMENTATION)
STOPBAND REJECTION
0.606 fCLOCK to 1.394 fCLOCK
73
dB
GROUP DELAY2
21
Input Clocks
IMPULSE RESPONSE DURATION
–40 dB
36
Input Clocks
–60 dB
42
Input Clocks
NOTES
1Excludes sin(x)/x characteristic of DAC.
2Defined as the number of data clock cycles between impulse input and peak of output response.
Specifications subject to change without notice.
FREQUENCY – DC TO fDATA
0
–140
0
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–20
–40
–60
–80
–100
–120
Figure 2a. FIR Filter Frequency Response—Baseband Mode
TIME – Samples
1
–0.4
0
5
10
15
20
25
30
35
40
45
0.8
0.6
0.4
0.2
0
–0.2
Figure 2b. FIR Filter Impulse Response—Baseband Mode
Table I. Integer Filter Coefficients for Interpolation Filter
(43-Tap Half-Band FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(43)
10
H(2)
H(42)
0
H(3)
H(41)
–31
H(4)
H(40)
0
H(5)
H(39)
69
H(6)
H(38)
0
H(7)
H(37)
–138
H(8)
H(36)
0
H(9)
H(35)
248
H(10)
H(34)
0
H(11)
H(33)
–419
H(12)
H(32)
0
H(13)
H(31)
678
H(14)
H(30)
0
H(15)
H(29)
–1083
H(16)
H(28)
0
H(17)
H(27)
1776
H(18)
H(26)
0
H(19)
H(25)
–3282
H(20)
H(24)
0
H(21)
H(23)
10364
H(22)
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com