Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9772EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 13Page - Analog Devices AD9772EB Datasheet HTML 14Page - Analog Devices AD9772EB Datasheet HTML 15Page - Analog Devices AD9772EB Datasheet HTML 16Page - Analog Devices AD9772EB Datasheet HTML 17Page - Analog Devices AD9772EB Datasheet HTML 18Page - Analog Devices AD9772EB Datasheet HTML 19Page - Analog Devices AD9772EB Datasheet HTML 20Page - Analog Devices AD9772EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
REV. A
AD9772A
–17–
+1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772A
2k
0.1 F
ADDITIONAL
LOAD
OPTIONAL
EXTERNAL
REF BUFFER
2.7V TO 3.6V
Figure 15. Internal Reference Configuration
The internal reference can be disabled by connecting REFLO to
AVDD. In this case, an external 1.2 V reference such as the
AD1580 may then be applied to REFIO as shown in Figure 16.
The external reference may provide either a fixed reference
voltage to enhance accuracy and drift performance or a varying
reference voltage for gain control. Note that the 0.1
µF compen-
sation capacitor is not required since the internal reference is
disabled, and the high input impedance of REFIO minimizes
any loading of the external reference.
+1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772A
AD1580
2.7V TO 3.6V
REFERENCE
CONTROL
AMPLIFIER
RSET
IREF =
VREFIO/RSET
10k
VREFIO
Figure 16. External Reference Configuration
REFERENCE CONTROL AMPLIFIER
The AD9772A also contains an internal control amplifier that is
used to regulate the DAC’s full-scale output current, IOUTFS.
The control amplifier is configured as a V-I converter, as shown
in Figure 16, such that its current output, IREF, is determined by
the ratio of the VREFIO and an external resistor, RSET, as stated in
Equation 4. IREF is copied to the segmented current sources with
the proper scaling factor to set IOUTFS as stated in Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5
µA and 625 µA. The wide adjustment span of IOUTFS
provides several application benefits. The first benefit relates
directly to the power dissipation of the AD9772’s DAC, which
is proportional to IOUTFS (refer to the Power Dissipation sec-
tion). The second benefit relates to the 20 dB adjustment, which
is useful for system gain control purposes.
IREF can be controlled using the single-supply circuit shown in
Figure 17 for a fixed RSET. In this example, the internal refer-
ence is disabled, and the voltage of REFIO is varied over its
compliance range of 1.25 V to 0.10 V. REFIO can be driven
by a single-supply DAC or digital potentiometer, thus allowing
IREF to be digitally controlled for a fixed RSET. This particular
example shows the AD5220, an 8-bit serial input digital potenti-
ometer, along with the AD1580 voltage reference. Note, since
the input impedance of REFIO does interact and load the
digital potentiometer wiper to create a slight nonlinearity in the
programmable voltage divider ratio, a digital potentiometer with
10 k
Ω or less of resistance is recommended.
+1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772A
AD1580
2.7V TO 3.6V
RSET
10k
10k
AD5220
1.2V
Figure 17. Single-Supply Gain Control Circuit
ANALOG OUTPUTS
The AD9772A produces two complementary current outputs,
IOUTA and IOUTB, which may be configured for single-ended or
differential operation. IOUTA and IOUTB can be converted into
complementary single-ended voltage outputs, VOUTA and
VOUTB, via a load resistor, RLOAD, as described in the DAC
Transfer Function section, by Equations 5 through 8. The
differential voltage, VDIFF, existing between VOUTA and VOUTB,
can also be converted to a single-ended voltage via a transformer
or differential amplifier configuration.
Figure 18 shows the equivalent analog output circuit of the
AD9772A, consisting of a parallel combination of PMOS differ-
ential current switches associated with each segmented current
source. The output impedance of IOUTA and IOUTB is determined
by the equivalent parallel combination of the PMOS switches
and is typically 200 k
Ω in parallel with 3 pF. Due to the nature
of a PMOS device, the output impedance is also slightly dependent
on the output voltage (i.e., VOUTA and VOUTB) and, to a lesser
extent, the analog supply voltage, AVDD, and full-scale current,
IOUTFS. Although the output impedance’s signal dependency can
be a source of dc nonlinearity and ac linearity (i.e., distortion), its
effects can be limited if certain precautions are noted.
IOUTA and IOUTB also have a negative and positive voltage compli-
ance range. The negative output compliance range of –1.0 V is
set by the breakdown limits of the CMOS process. Operation
beyond this maximum limit may result in a breakdown of the
output stage and affect the reliability of the AD9772A. The positive
output compliance range is slightly dependent on the full-scale
output current, IOUTFS. Operation beyond the positive compliance
range will induce clipping of the output signal, which severely
degrades the AD9772A’s linearity and distortion performance.
AD9772A
AVDD
IOUTA
RLOAD
RLOAD
IOUTB
Figure 18. Equivalent Analog Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com