Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9775 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices AD9775 Datasheet HTML 10Page - Analog Devices AD9775 Datasheet HTML 11Page - Analog Devices AD9775 Datasheet HTML 12Page - Analog Devices AD9775 Datasheet HTML 13Page - Analog Devices AD9775 Datasheet HTML 14Page - Analog Devices AD9775 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
REV. 0
–11–
AD9775
FREQUENCY – MHz
50
0
20
30
55
60
65
70
75
80
85
90
10
15
25
5
0dBFS
–3dBFS
–6dBFS
TPC 10. Third Order IMD
Products vs. fOUT @ fDATA =
65 MSPS
FREQUENCY – MHz
50
0
40
60
55
60
65
70
75
80
85
90
20
8
4
1
2
30
55
10
TPC 13. Third Order IMD
Products vs. fOUT and
Interpolation Rate,
1
fDATA = 160 MSPS,
2
fDATA = 160 MSPS,
4
fDATA = 80 MSPS,
8
fDATA = 50 MSPS
AVDD – V
50
3.5
55
60
65
70
75
80
85
90
0dBFS
3.4
3.3
3.2
3.1
–3dBFS
–6dBFS
TPC 16. Third Order IMD
Products vs. AVDD @ fOUT =
10 MHz, fDAC = 320 MSPS,
fDATA = 160 MSPS
FREQUENCY – MHz
50
0
20
30
55
60
65
70
75
80
85
90
10
15
25
5
–3dBFS
0dBFS
–6dBFS
TPC 11. Third Order IMD
Products vs. fOUT @ fDATA =
78 MSPS
AOUT – dBFS
50
–5
0
55
60
65
70
75
80
85
90
–10
8
4
1
2
–15
TPC 14. Third Order IMD
Products vs. AOUT and Inter-
polation Rate fDATA = 50
MSPS for All Cases,
1
fDAC = 50 MSPS,
2
fDAC = 100 MSPS,
4
fDAC = 200 MSPS,
8
fDAC = 400 MSPS
55
60
65
70
75
80
85
90
INPUT DATA RATE – MSPS
050
150
100
50
PLL ON
PLL OFF
TPC 17. SNR vs. Data Rate
for fOUT = 5 MHz
FREQUENCY – MHz
50
0
40
60
55
60
65
70
75
80
85
90
20
30
50
10
–3dBFS
0dBFS
–6dBFS
TPC 12. Third Order IMD
Products vs. fOUT @ fDATA =
160 MSPS
AVDD – V
50
3.5
55
60
65
70
75
80
85
90
0dBFS
3.4
3.3
3.2
3.1
–6dBFS
–12dBFS
TPC 15. SFDR vs. AVDD @
fOUT = 10 MHz, fDAC = 320 MSPS,
fDATA = 160 MSPS
TEMPERATURE – C
90
85
50
–50
0
100
50
70
65
55
60
80
75
FDATA = 65MSPS
160MSPS
78MSPS
TPC 18. SFDR vs. Temperature
@ fOUT = fDATA/11
(T = 25 C, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, IOUTFS = 20 mA, Interpolation = 2 , Differential Coupled Transformer Output, 50
Doubly Terminated, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com